Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56AW-10SU-1.8 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT93C56AW-10SU-1.8
Description  Three-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56AW-10SU-1.8 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT93C56AW-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
3378N–SEEPR–1/09
AT93C56A/66A
4.
Functional Description
The AT93C56A/66A is accessed via a simple and versatile three-wire serial communication
interface. Device operation is controlled by seven instructions issued by the host processor. A
valid instruction starts with a rising edge of CS and consists of a Start Bit (logic “1”) followed
by the appropriate Op Code and the desired memory address location.
READ (READ): The Read (READ) instruction contains the address code for the memory loca-
tion to be read. After the instruction and address are decoded, data from the selected memory
location is available at the serial output pin DO. Output data changes are synchronized with the
rising edges of serial clock SK. It should be noted that a dummy bit (logic “0”) precedes the 8- or
16-bit data output string. The AT93C56A/66A supports sequential read operations. The device
will automatically increment the internal address pointer and clock out the next memory location
as long as Chip Select (CS) is held high. In this case, the dummy bit (logic “0”) will not be
clocked out between memory locations, thus allowing for a continuous stream of data to be read.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the
Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable (EWEN)
instruction must be executed first before any programming instructions can be carried out.
Please note that once in the EWEN state, programming remains enabled until an EWDS instruc-
tion is executed or V
CC power is removed from the part.
ERASE (ERASE): The Erase instruction programs all bits in the specified memory location to
the logical “1” state. The self-timed erase cycle starts once the ERASE instruction and address
are decoded. The DO pin outputs the Ready/Busy status of the part if CS is brought high after
being kept low for a minimum of 250 ns (t
CS). A logic “1” at pin DO indicates that the selected
memory location has been erased, and the part is ready for another instruction.
WRITE (WRITE): The Write (WRITE) instruction contains the 8 or 16 bits of data to be written
into the specified memory location. The self-timed programming cycle t
WP starts after the last bit
of data is received at serial data input pin DI. The DO pin outputs the Ready/Busy status of the
part if CS is brought high after being kept low for a minimum of 250 ns (t
CS). A logic “0” at DO
indicates that programming is still in progress. A logic “1” indicates that the memory location at
the specified address has been written with the data pattern contained in the instruction and the
part is ready for further instructions. A READY/BUSY status cannot be obtained if the CS is
brought high after the end of the self-timed programming cycle t
WP.
ERASE ALL (ERAL): The Erase All (ERAL) instruction programs every bit in the memory array
to the logic “1” state and is primarily used for testing purposes. The DO pin outputs the
Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250 ns
(t
CS). The ERAL instruction is valid only at VCC = 5.0V ± 10%.
WRITE ALL (WRAL): The Write All (WRAL) instruction programs all memory locations with the
data patterns specified in the instruction. The DO pin outputs the Ready/Busy status of the part if
CS is brought high after being kept low for a minimum of 250 ns (t
CS). The WRAL instruction is
valid only at V
CC = 5.0V ± 10%.
ERASE/WRITE DISABLE (EWDS): To protect against accidental data disturb, the Erase/Write
Disable (EWDS) instruction disables all programming modes and should be executed after all
programming operations. The operation of the READ instruction is independent of both the
EWEN and EWDS instructions and can be executed at any time.


Similar Part No. - AT93C56AW-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56AW-10SU-1.8 ATMEL-AT93C56AW-10SU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56AW-10SU-1.8 ATMEL-AT93C56AW-10SU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C56AW-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com