Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56AW-10SU-1.8 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C56AW-10SU-1.8
Description  Three-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56AW-10SU-1.8 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C56AW-10SU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56AW-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
3378N–SEEPR–1/09
AT93C56A/66A
Note:
1. This parameter is characterized and is not 100% tested.
Table 3-3.
AC Characteristics
Applicable over recommended operating range from T
AI = 40°C to + 85°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
f
SK
SK Clock
Frequency
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
0
0
0
2
1
0.25
MHz
t
SKH
SK High Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
SKL
SK Low Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
CS
Minimum CS
Low Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
CSS
CS Setup Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
50
200
ns
t
DIS
DI Setup Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
400
ns
t
CSH
CS Hold Time
Relative to SK
0
ns
t
DIH
DI Hold Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
400
ns
t
PD1
Output Delay to “1”
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
PD0
Output Delay to “0”
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
SV
CS to Status Valid
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
DF
CS to DO in High
Impedance
AC Test
CS = V
IL
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
150
400
ns
t
WP
Write Cycle Time
1.8V
≤ V
CC ≤ 5.5V
0.1
3
10
ms
Endurance
(Note:)
5.0V, 25°C
1M
Write Cycles


Similar Part No. - AT93C56AW-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56AW-10SU-1.8 ATMEL-AT93C56AW-10SU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56AW-10SU-1.8 ATMEL-AT93C56AW-10SU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C56AW-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com