Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK712STR Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MK712STR
Description  TOUCH SCREEN CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712STR Datasheet(HTML) 2 Page - Integrated Device Technology

  MK712STR Datasheet HTML 1Page - Integrated Device Technology MK712STR Datasheet HTML 2Page - Integrated Device Technology MK712STR Datasheet HTML 3Page - Integrated Device Technology MK712STR Datasheet HTML 4Page - Integrated Device Technology MK712STR Datasheet HTML 5Page - Integrated Device Technology MK712STR Datasheet HTML 6Page - Integrated Device Technology MK712STR Datasheet HTML 7Page - Integrated Device Technology MK712STR Datasheet HTML 8Page - Integrated Device Technology MK712STR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ / ICS™ TOUCH SCREEN CONTROLLER
2
MK712
REV L 070805
Pin Descriptions
Interrupts
Interrupts are controlled by register 6 (see Register Description). The INT pin (pin 2) goes high to signal an
interrupt. Interrupts are then cleared by reading any register. However, if the MK712 is in the process of generating
an interrupt during a read cycle, then the interrupt is not cleared and INT will stay high. This internal process may
take 100ns, and so to guarantee that the interrupt is cleared, two successive read cycles may be necessary.
Pin
Number
Pin
Name
Pin Type
Pin Description
1
NC
No connect. Do not connect this pin to anything.
2
INT
Output
Interrupt. Goes high to signal an interrupt. Cleared on next read.
3
TOUCH
Output
Touch signal. Goes low when screen is touched. Goes high when not touched.
4
VDD
Power
Power Supply. Connect to +5 V or +3.3 V. (Connect all VDDs to same voltage)
5
VDD
Power
Power Supply. Connect to +3.3 V.
6
XH
Touch Screen Pin
Connect to X-high on touch screen. (Right side)
7
XL
Touch Screen Pin
Connect to X-low on touch screen. (Left side)
8
YH
Touch Screen Pin
Connect to Y-high on touch screen. (Top)
9
YL
Touch Screen Pin
Connect to Y-low on touch screen. (Bottom)
10
GND
Power
Connect to ground.
11
GND
Power
Connect to ground.
12
WR
Input
Write enable. Active low.
13
RD
Input
Read enable. Active low.
14
CS
Input
Chip select. Active low.
15
A2
Input
Register address 2.
16
A1
Input
Register address 1.
17
A0
Input
Register address 0.
18
CLKIN
Input
Clock input. Typically 14.3 MHz. Best if driven by an ICS clock synthesizer.
19
D7
I/O
Data bit 7.
20
D6
I/O
Data bit 6.
21
GND
Power
Connect to ground.
22
VDD
Power
Power Supply. Connect to +5 V or +3.3 V. (Connect all VDDs to same voltage)
23
D5
I/O
Data bit 5.
24
D4
I/O
Data bit 4.
25
D3
I/O
Data bit 3.
26
D2
I/O
Data bit 2.
27
D1
I/O
Data bit 1.
28
D0
I/O
Data bit 0.


Similar Part No. - MK712STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK712STR ICST-MK712STR Datasheet
204Kb / 16P
   Touch Screen Controller
More results

Similar Description - MK712STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com