Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS4A101Q Datasheet(PDF) 3 Page - Integrated Device Technology

Part # QS4A101Q
Description  QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS4A101Q Datasheet(HTML) 3 Page - Integrated Device Technology

  QS4A101Q Datasheet HTML 1Page - Integrated Device Technology QS4A101Q Datasheet HTML 2Page - Integrated Device Technology QS4A101Q Datasheet HTML 3Page - Integrated Device Technology QS4A101Q Datasheet HTML 4Page - Integrated Device Technology QS4A101Q Datasheet HTML 5Page - Integrated Device Technology QS4A101Q Datasheet HTML 6Page - Integrated Device Technology QS4A101Q Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDTQS4A101
HIGH-PERFORMANCECMOSANALOGFOUR-CHANNELSPSTSWITCH
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = –40°C to +85°C, VCC = 5V ± 5%
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Unit
Analog Switch
VIN
Analog Signal Range(2)
-0.5
1
Vcc - 1
V
rDS(ON)
Drain-source ON resistance(2,3)
Vcc = Min., VIN = 0V
, ION = 30mA
5
7
Vcc = Min., VIN = 2.4V
, ION = 15mA
13
17
IC(OFF)
Channel Off Leakage Current
A = Vcc or 0V, B = 0V or Vcc,
E = Vcc
1
nA
IC(ON)
Channel On Leakage Current
A = B = 0V
1
nA
(each channel is turned on sequentially)
Digital Control
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Pins
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW for Control Pins
0.8
V
Dynamic Characteristics
tON(E)
Enable Turn-On Time
RL = 1K
Ω, CL = 100pF
0.5
6.5
ns
E to A, B
(See Switching Time)
tOFF(E)
Enable Turn-Off Time
RL = 1K
Ω, CL = 100pF
0.5
6
ns
E to A, B
(See Switching Time)
tPD
Group Delay(2,4a)
RL = 1K
Ω, CL = 100pF
250
ps
f3dB
-3dB Bandwidth
VIN = 0 to 1V, 1Vp-p, RL = 75
1.4
GHz
Off-isolation
VIN = 0 to 1V, 1Vp-p, RL = 75
Ω, f = 5.5MHz
-80
dB
XTALK
Crosstalk
VIN = 0 to 1V, 1Vp-p, RL = 75
Ω, f = 30MHz
-75
dB
C(OFF)
Switch Off Capacitance
E = Vcc, VIN = VOUT = 0V
5
pF
C(ON)
Switch On Capacitance
E = 0V, VIN = VOUT = 0V
10
pF
QCI
Charge Injection
1.5
pC
NOTES:
1. Typical values are at VCC = 5.0V, TA = 25°C.
2. Max value is guaranteed but not production tested.
3. Measured by voltage drop between A and C pins at indicated current through the switch ON resistance is determined by the lower of the voltages on the two (A, B)
pins.
4. The bus switch contributes no group delay other than the RC delay of the ON resistance of the switch and load capacitance. Group delay of the bus switch, when
used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.


Similar Part No. - QS4A101Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS4A101QG8 IDT-QS4A101QG8 Datasheet
256Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
More results

Similar Description - QS4A101Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A101 IDT-IDTQS4A101_14 Datasheet
256Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
logo
Renesas Technology Corp
IDTQS4A101 RENESAS-IDTQS4A101 Datasheet
427Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Renesas Technology Corp
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com