Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS4A105QG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS4A105QG
Description  QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS4A105QG Datasheet(HTML) 1 Page - Integrated Device Technology

  QS4A105QG Datasheet HTML 1Page - Integrated Device Technology QS4A105QG Datasheet HTML 2Page - Integrated Device Technology QS4A105QG Datasheet HTML 3Page - Integrated Device Technology QS4A105QG Datasheet HTML 4Page - Integrated Device Technology QS4A105QG Datasheet HTML 5Page - Integrated Device Technology QS4A105QG Datasheet HTML 6Page - Integrated Device Technology QS4A105QG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDTQS4A105
HIGH-PERFORMANCE CMOS TWO-CHANNEL 4PST SWITCH
INDUSTRIALTEMPERATURERANGE
FEBRUARY
2009
2000 Integrated Device Technology, Inc.
DSC-5555/2
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Low ON resistance: rDS(ON) = 5
• Wide bandwidth: 1.3GHz (-3dB point)
• Crosstalk: 100dB at 50KHz, -70dB at 5MHz, -50dB at 30MHz
• Off-isolation: -90dB at 50KHz, -60dB at 5MHz, -55dB at
30MHz
• Single 5V supply
• Bidirectional signal flow
• TTL-compatible control inputs
• Ultra-low quiescent current: 3
µµµµµA
• Switch turn on time of 6.5ns
• Available in QSOP package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal routing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Token Ring transceivers
• High-speed networking
FUNCTIONAL BLOCK DIAGRAM
IDTQS4A105
QUICKSWITCH® PRODUCTS
HIGH-PERFORMANCE CMOS
TWO CHANNEL 4PST SWITCH
DESCRIPTION:
The QS4A105 is a high-performance CMOS two-channel 4PST switch
with 3-state outputs. The low ON resistance of the QS4A105 allows inputs
to be connected to outputs with low insertion loss and high bandwidth.
The QS4A105, with 1.3GHz bandwidth, is ideal for high-performance
video signal switching, audio signal switching, and telecomm routing
applications. Low power dissipation makes this device ideal for battery
operated and remote instrumentation applications.
The QS4A105 is offered in the QSOP package which has several
advantages over conventional packages such as PDIP and SOIC, includ-
ing:
• Reduced signal delays due to denser component packaging on circuit
boards
• Reduced system noise due to less pin inductance
The QS4A105 is characterized for operation at -40°C to +85°C.
CO NTROL
LO G IC
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2


Similar Part No. - QS4A105QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS4A105QG8 IDT-QS4A105QG8 Datasheet
253Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
More results

Similar Description - QS4A105QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A105 IDT-IDTQS4A105 Datasheet
73Kb / 7P
   UICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_14 Datasheet
253Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
logo
Renesas Technology Corp
IDTQS4A105 RENESAS-IDTQS4A105 Datasheet
442Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A110 IDT-IDTQS4A110 Datasheet
68Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
IDTQS4A101 IDT-IDTQS4A101 Datasheet
91Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
logo
Renesas Technology Corp
IDTQS4A110 RENESAS-IDTQS4A110 Datasheet
426Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
QS3384QG IDT-QS3384QG Datasheet
229Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
QS3384PAG IDT-QS3384PAG Datasheet
218Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS4A201 IDT-IDTQS4A201 Datasheet
79Kb / 8P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com