Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK712RI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MK712RI
Description  TOUCH SCREEN CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712RI Datasheet(HTML) 1 Page - Integrated Device Technology

  MK712RI Datasheet HTML 1Page - Integrated Device Technology MK712RI Datasheet HTML 2Page - Integrated Device Technology MK712RI Datasheet HTML 3Page - Integrated Device Technology MK712RI Datasheet HTML 4Page - Integrated Device Technology MK712RI Datasheet HTML 5Page - Integrated Device Technology MK712RI Datasheet HTML 6Page - Integrated Device Technology MK712RI Datasheet HTML 7Page - Integrated Device Technology MK712RI Datasheet HTML 8Page - Integrated Device Technology MK712RI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
TOUCH SCREEN CONTROLLER
MK712
IDT™ / ICS™ TOUCH SCREEN CONTROLLER
1
MK712
REV L 070805
Description
The MK712 Touch Screen Controller IC provides all the
screen drive, A to D converter and control circuits to easily
interface to 4-wire analog resistive touch screens.
The IC continually monitors the screen waiting for a touch.
In this mode, the supply current is typically 0.5µA. When
the screen is touched, the IC performs analog to digital
conversions to determine the location of the touch, stores
the X and Y locations in the registers, and issues an
interrupt. This process is repeated up to 197 times per
second until no further screen touches are detected, at
which time the low current mode is resumed.
Block Diagram
Features
Packaged in 28-pin SSOP (150 mil) or 28-pin SOIC (300
mil)
Industrial (-30°C to +70°C) and commercial (0 to +70°C)
and automotive (-35°C to +85°C) temperature ranges
Available in Pb (lead) free
Fully integrated, lowest power solution
Low standby current of 0.5µA (typical) at 5.0 V
Active current while converting less than 10 mA
Resolves 350 dots/inch on 10.5” display
Maximum speed of 197 points/second
Ratio metric conversion may eliminate screen calibration
Automatically wakes up and goes back to standby
3.3 V or 5 V supply
12 bit A/D converter
Simplifies the writing of software for touch screens
Extended temperature range available
Capacitors are the only external components required
Touch screen is directly driven - no external transistors
are required
Programmable conversion rate
A to D Converter is monotonic
Parallel interface
Pin Assignment
18
7
17
8
16
9
15
XL
10
YH
11
YL
12
GND
13
GND
14
GND
D6
D7
CLKIN
WR
A0
A2
RD
A1
22
21
20
19
CS
VDD
5
6
VDD
XH
D5
24
23
D4
3
4
TOUCH
VDD
D3
26
25
D2
1
2
NC
INT
D1
28
27
D0


Similar Part No. - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK712RI ICST-MK712RI Datasheet
204Kb / 16P
   Touch Screen Controller
MK712RITR ICST-MK712RITR Datasheet
204Kb / 16P
   Touch Screen Controller
More results

Similar Description - MK712RI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com