Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF161-MH-Y Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25DF161-MH-Y
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161-MH-Y Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25DF161-MH-Y Datasheet HTML 5Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 6Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 7Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 8Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 9Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 10Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 11Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 12Page - ATMEL Corporation AT25DF161-MH-Y Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
7. Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from
the device by simply providing the clock signal once the initial starting address has been speci-
fied. The device incorporates an internal address counter that automatically increments on every
clock cycle.
Three opcodes (1Bh, 0Bh, and 03h) can be used for the Read Array command. The use of each
opcode depends on the maximum clock frequency that will be used to read data from the device.
The 0Bh opcode can be used at any clock frequency up to the maximum specified by fCLK, and
the 03h opcode can be used for lower frequency read operations up to the maximum specified
by fRDLF. The 1Bh opcode allows the highest read performance possible and can be used at any
clock frequency up to the maximum specified by fMAX; however, use of the 1Bh opcode at clock
frequencies above fCLK should be reserved to systems employing the RapidS protocol.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate
opcode (1Bh, 0Bh, or 03h) must be clocked into the device. After the opcode has been clocked
in, the three address bytes must be clocked in to specify the starting address location of the first
byte to read within the memory array. Following the three address bytes, additional dummy
bytes may need to be clocked into the device depending on which opcode is used for the Read
Array operation. If the 1Bh opcode is used, then two dummy bytes must be clocked into the
device after the three address bytes. If the 0Bh opcode is used, then a single dummy byte must
be clocked in after the address bytes.
After the three address bytes (and the dummy bytes or byte if using opcodes 1Bh or 0Bh) have
been clocked in, additional clock cycles will result in data being output on the SO pin. The data is
always output with the MSB of a byte first. When the last byte (1FFFFFh) of the memory array
has been read, the device will continue reading back at the beginning of the array (000000h). No
delays will be incurred when wrapping around from the end of the array to the beginning of the
array.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
Figure 7-1.
Read Array – 1Bh Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00011011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
50 51
49
52
55 56
54
53
OPCODE
AAAA
AAA
A
A
MSB
XXXXXXX
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DON'T CARE
MSB
XXXXXXX
X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE


Similar Part No. - AT25DF161-MH-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF161-MH-Y ETC2-AT25DF161-MH-Y Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF161-MH-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
   512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
   512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com