Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8959818QZC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-8959818QZC
Description  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8959818QZC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-8959818QZC Datasheet HTML 3Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 4Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 5Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 6Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 7Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 8Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 9Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 10Page - ATMEL Corporation 5962-8959818QZC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
4151N–AERO–04/09
M65608E
Data Retention Characteristics
Notes: 1. TAVAV = Read Cycle Time
2. CS1 =
VCC or CS2 = CS1 = GND, Vin = GND/VCC, this parameter is only tested at
VCC = 2V.
3. Parameters guaranteed but not tested
Write Cycle
Note:
1. Parameters guaranteed, not tested, with output loading 5 pF.
Parameter
Description
Minimum
Typical
TA = 25
⋅C
Maximum
Unit
VCCDR
VCC for data
retention
2.0
V
TCDR
Chip
deselect to
data
retention
time
0.0
ns
TR
Operation
recovery
time
TAVAV(1)
––
ns
ICCDR1
Data
retention
current at
2.0V
–0.1
150
µA
ICCDR2(2)
Data
retention
current at
3.0V
–0.2
200
µA
Symbol
Parameter
65608-30
65608-45
Unit
Value
TAVAW
Write cycle time
30
45
ns
min
TAVWL
Address set-up time
00
ns
min
TAVWH
Address valid to end of
write
22
35
ns
min
TDVWH
Data set-up time
18
20
ns
min
TE1LWH
CS1 low to write end
22
35
ns
min
TE2HWH
CS2 high to write end
22
35
ns
min
TWLQZ
Write low to high Z(1)
815
ns
max
TWLWH
Write pulse width
22
35
ns
min
TWHAX
Address hold from to
end of write
00
ns
min
TWHDX
Data hold time
00
ns
min
TWHQX
Write high to low Z(1)
00
ns
min


Similar Part No. - 5962-8959818QZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8959818QZC ATMEL-5962-8959818QZC Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results

Similar Description - 5962-8959818QZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com