Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8959847VZC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # 5962-8959847VZC
Description  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8959847VZC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button 5962-8959847VZC Datasheet HTML 4Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 5Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 6Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 7Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 8Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 9Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 10Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 11Page - ATMEL Corporation 5962-8959847VZC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
4151N–AERO–04/09
M65608E
Read Cycle
Note:
1. Parameters Guaranteed, not tested, with output loading 5 pF.
Symbol
Parameter
65608-30
65608-45
Unit
Value
TAVAV
Read cycle time
30
45
ns
min
TAVQV
Address access time
30
45
ns
max
TAVQX
Address valid to low Z(1)
55
ns
min
TE1LQV
Chip-select1 access time
30
45
ns
max
TE1LQX
CS1 low to low Z(1)
33
ns
min
TE1HQZ
CS1 high to high Z(1)
15
20
ns
max
TE2HQV
Chip-select2 access time
30
45
ns
max
TE2HQX
CS2 high to low Z(1)
33
ns
min
TE2LQZ
CS2 low to high Z(1)
15
20
ns
max
TGLQV
Output Enable access time
12
15
ns
max
TGLQX
OE low to low Z(1)
00
ns
min
TGHQZ
OE high to high Z(1)
815
ns
max


Similar Part No. - 5962-8959847VZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8959847VZC ATMEL-5962-8959847VZC Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results

Similar Description - 5962-8959847VZC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com