Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0520802QXC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 5962-0520802QXC
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0520802QXC Datasheet(HTML) 1 Page - ATMEL Corporation

  5962-0520802QXC Datasheet HTML 1Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 2Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 3Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 4Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 5Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 6Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 7Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 8Page - ATMEL Corporation 5962-0520802QXC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev. 4408G–AERO–04/09
Features
Operating Voltage: 3.3V
Access Time:
– 15 ns (AT60142F)
Very Low Power Consumption
– Active: 650 mW (Max) @ 15 ns, 540 mW (Max) @ 25 ns
– Standby: 3.3 mW (Typ)
Wide Temperature Range: -55 to +125°C
TTL-Compatible Inputs and Outputs
Asynchronous
Designed on 0.25 µm Radiation Hardened Process
No Single Event Latch Up below LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 300 krads (Si) according to MIL-STD-883 Method 1019
500 Mils Wide FP36 Package
ESD Better than 4000V
Quality Grades: ESCC with 9301/052, QML-Q or V with smd 5962-05208
Description
The AT60142F is a very low power CMOS static RAM organized as 524 288 x 8 bits.
Atmel brings the solution to applications where fast computing is as mandatory as low
consumption, such as aerospace electronics, portable instruments, or embarked
systems.
Utilizing an array of six transistors (6T) memory cells, the AT60142F combines an
extremely low standby supply current (Typical value = 1 mA) with a fast access time at
15 ns or better over the full military temperature range. The high stability of the 6T cell
provides excellent protection against soft errors due to noise.
The AT60142F is processed according to the methods of the latest revision of the MIL
PRF 38535 or ESCC 9000.
It is produced on a radiation hardened 0.25 µm CMOS process.
Rad Hard
512K x 8
Very Low Power
CMOS SRAM
AT60142F


Similar Part No. - 5962-0520802QXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-0520802QXC ATMEL-5962-0520802QXC Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - 5962-0520802QXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com