Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6829-T3QY Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA6829-T3QY
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6829-T3QY Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA6829-T3QY Datasheet HTML 7Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 8Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 9Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 10Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 11Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 12Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 13Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 14Page - ATMEL Corporation ATA6829-T3QY Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
4531G–BCD–07/09
ATA6829
9.
Serial Interface – Timing
No.
Parameters
Test Conditions
Pin
Timing Chart No.(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
8.1
DO enable after CS
falling edge
CDO = 100 pF
10
1
tENDO
200
ns
D
8.2
DO disable after CS
rising edge
C
DO = 100 pF
10
2
t
DISDO
200
ns
D
8.3
DO fall time
C
DO = 100 pF
10
-
t
DOf
100
ns
D
8.4
DO rise time
C
DO = 100 pF
10
-
t
DOr
100
ns
D
8.5
DO valid time
C
DO = 100 pF
10
10
t
DOVal
200
ns
D
8.6
CS setup time
5
4
t
CSSethl
225
ns
D
8.7
CS setup time
5
8
t
CSSetlh
225
ns
D
8.8
CS high time
5
9
t
CSh
500
ns
D
8.9
CLK high time
7
5
t
CLKh
225
ns
D
8.10
CLK low time
7
6
t
CLKl
225
ns
D
8.11
CLK period time
7
-
t
CLKp
500
ns
D
8.12
CLK setup time
7
7
t
CLKSethl
225
ns
D
8.13
CLK setup time
7
3
t
CLKSetlh
225
ns
D
8.14
DI setup time
6
11
t
DIset
40
ns
D
8.15
DI hold time
6
12
t
DIHold
40
ns
D
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. See Figure 9-1 on page 12


Similar Part No. - ATA6829-T3QY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6829-T3QY ATMEL-ATA6829-T3QY Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - ATA6829-T3QY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com