Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

930104702 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 930104702
Description  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930104702 Datasheet(HTML) 5 Page - ATMEL Corporation

  930104702 Datasheet HTML 1Page - ATMEL Corporation 930104702 Datasheet HTML 2Page - ATMEL Corporation 930104702 Datasheet HTML 3Page - ATMEL Corporation 930104702 Datasheet HTML 4Page - ATMEL Corporation 930104702 Datasheet HTML 5Page - ATMEL Corporation 930104702 Datasheet HTML 6Page - ATMEL Corporation 930104702 Datasheet HTML 7Page - ATMEL Corporation 930104702 Datasheet HTML 8Page - ATMEL Corporation 930104702 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
4151N–AERO–04/09
M65608E
DC Parameters
DC Test Conditions
Consumption
Table 3. DC Test Conditions
TA = -55
°C to + 125°C; Vss = 0V; V
CC = 4.5V to 5.5V
Symbol
Description
Minimum
Typical
Maximum
Unit
IIX (1)
Input leakage
current
-1
1
µA
IOZ(1)
Output leakage
current
-1
1
µA
VOL (2)
Output low voltage
––
0.4
V
VOH (3)
Output high
voltage
2.4
V
1.
GND < Vin <
VCC, GND < Vout < VCC Output Disabled.
2.
VCC min. IOL = 8 mA
3.
VCC min. IOH = -4 mA.
Symbol
Description
65608E-30
65608E-45
Unit
Value
ICCSB (1)
Standby supply
current
2
2
mA
max
ICCSB1 (2)
Standby supply
current
300
300
µA
max
ICCOP (3)
Dynamic operating
current
110
100
mA
max
1.
CS1 >
VIH or CS2 < VIL and CS1 < VIL.
2.
CS1 >
VCC - 0.3V or, CS2 < GND + 0.3V and CS1 < 0.2V.
3.
F = 1/TAVAV, Iout = 0 mA, W = OE =
VIH, Vin = GND or VCC, VCC max.


Similar Part No. - 930104702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - 930104702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com