Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7024 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T7024
Description  Bluetooth/ISM 2.4-GHz Front-end IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7024 Datasheet(HTML) 4 Page - ATMEL Corporation

  T7024_09 Datasheet HTML 1Page - ATMEL Corporation T7024_09 Datasheet HTML 2Page - ATMEL Corporation T7024_09 Datasheet HTML 3Page - ATMEL Corporation T7024_09 Datasheet HTML 4Page - ATMEL Corporation T7024_09 Datasheet HTML 5Page - ATMEL Corporation T7024_09 Datasheet HTML 6Page - ATMEL Corporation T7024_09 Datasheet HTML 7Page - ATMEL Corporation T7024_09 Datasheet HTML 8Page - ATMEL Corporation T7024_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
4533I–BLURF–01/09
T7024
7.
Electrical Characteristics
Test conditions (unless otherwise specified): V
S = 3.0V, Tamb = 25°C
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Amplifier(1)
Supply voltage
Pins V1_PA, V2_PA, V3_PA_OUT
V
S
2.7
3.0
4.6
V
Supply current
TX
I
S_TX
165
mA
RX (PA off), V
RAMP ≤ 0.1V
I
S_RX
10
µA
Standby current
Standby
I
S_standby
10
µA
Frequency range
TX
f
2.4
2.5
GHz
Gain-control range
TX
ΔGp
60
42
dB
Power gain maximum
TX, pin PA_IN to V3_PA_OUT
Gp
28
30
33
dB
Power gain minimum
TX, pin PA_IN to V3_PA_OUT
Gp
–40
–17
dB
Ramping voltage maximum
TX, power gain (maximum)
Pin RAMP
V
RAMP max
1.7
1.75
1.83
V
Ramping voltage minimum
TX, power gain (minimum)
Pin RAMP
V
RAMP min
0.1
V
Ramping current maximum
TX, V
RAMP = 1.75V, pin RAMP
I
RAMP max
0.5
mA
Power-added efficiency
TX
PAE
35
40
%
Saturated output power
TX, input power = 0 dBm referred to
pins V3_PA_OUT
Psat
22
23
24
dBm
Input matching(2)
TX, pin PA_IN
Load
VSWR
< 1.5:1
Output matching(2)
TX, pins V3_PA_OUT
Load
VSWR
< 1.5:1
Harmonics at P
sat = 23 dBm
TX, pins V3_PA_OUT
2 fo
–30
dBc
TX, pins V3_PA_OUT
3 fo
–30
dBc
T/R Switch Driver (Current Programming by External Resistor from R_SWITCH to GND)
Switch-out current output
Standby, pin SWITCH_OUT
I
S_O_standby
1µA
RX
I
S_O_RX
1µA
TX at 100
Ω
I
S_O_100
1.7
mA
TX at 1.2 k
Ω
I
S_O_1k2
7mA
TX at 33 k
Ω
I
S_O_33k
17
mA
TX at
I
S_O_R
19
mA
Low-noise Amplifier(3)
Supply voltage
All, pin VS_LNA
V
S
2.7
3.0
5.5
V
Supply current
RX
I
S
89
mA
Supply current
(LNA and control logic)
TX (control logic active)
Pin VS_LNA
IS
0.5
mA
Notes:
1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true CW operation, maximum load mismatch
and duration: load VSWR = 10:1 (all phases) 10s, ZG = 50Ω.
2. With external matching network, load impedance 50
Ω.
3. Low-noise amplifier shall be unconditionally stable.
4. With external matching components.
5. LNA gain can be adjusted with RX_ON voltage according to Figure 9-10 on page 9. Please note, that for RX_ON below
1.4V the T/R switch driver switches to TX mode.


Similar Part No. - T7024_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
More results

Similar Description - T7024_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
   ISM 2.4 GHz Front End IC
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
   2.4 GHz FRONT-END LNA / SWITCH IC
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com