Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9260 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM9260
Description  AT91 ARM Thumb Microcontrollers
Download  798 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM9260_1 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9260_1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 798 page
background image
2
6221I–ATARM–17-Jul-09
AT91SAM9260
1.
Description
The AT91SAM9260 is based on the integration of an ARM926EJ-S processor with fast ROM
and RAM memories and a wide range of peripherals.
The AT91SAM9260 embeds an Ethernet MAC, one USB Device Port, and a USB Host control-
ler. It also integrates several standard peripherals, such as the USART, SPI, TWI, Timer
Counters, Synchronous Serial Controller, ADC and MultiMedia Card Interface.
The AT91SAM9260 is architectured on a 6-layer matrix, allowing a maximum internal bandwidth
of six 32-bit buses. It also features an External Bus Interface capable of interfacing with a wide
range of memory devices.
2.
AT91SAM9260 Block Diagram
The block diagram shows all the features for the 217-LFBGA package. Some functions are not
accessible in the 208-pin PQFP package and the unavailable pins are highlighted in “Multiplex-
ing on PIO Controller A” on page 27, “Multiplexing on PIO Controller B” on page 28,
“Multiplexing on PIO Controller C” on page 29. The USB Host Port B is not available in the 208-
pin package. Table 2-1 on page 2 defines all the multiplexed and not multiplexed pins not avail-
able in the 208-PQFP package.
Table 2-1.
Unavailable Signals in 208-lead PQFP Package
PIO
Peripheral A
Peripheral B
-
HDPB
-
-HDMB
-
PA30
SCK2
RXD4
PA31
SCK0
TXD4
PB12
TXD5
ISI_D10
PB13
RXD5
ISI_D11
PC2
AD2
PCK1
PC3
AD3
SPI1_NPCS3
PC12
IRQ0
NCS7


Similar Part No. - AT91SAM9260_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9260-CJ ATMEL-AT91SAM9260-CJ Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260-CJ ATMEL-AT91SAM9260-CJ Datasheet
8Mb / 45P
   Thumb Microcontrollers
AT91SAM9260-CU ATMEL-AT91SAM9260-CU Datasheet
1Mb / 47P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260-CU ATMEL-AT91SAM9260-CU Datasheet
917Kb / 47P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260-EK ATMEL-AT91SAM9260-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results

Similar Description - AT91SAM9260_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com