Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9261S Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM9261S
Description  AT91 ARM Thumb-based Microcontrollers
Download  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261S Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM9261S Datasheet HTML 7Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 8Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 9Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 10Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 11Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 12Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 13Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 14Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 709 page
background image
11
6242E–ATARM–11-Sep09
AT91SAM9261S
5.
Power Considerations
5.1
Power Supplies
The AT91SAM9261S has six types of power supply pins:
• VDDCORE pins: Power the core, including the processor, the memories and the peripherals;
voltage ranges from 1.08V and 1.32V, 1.2V nominal.
• VDDIOM pins: Power the External Bus Interface I/O lines; voltage ranges from 1.65V to
1.95V and 3.0V to 3.6V, 1.8V and 3.3V nominal.
• VDDIOP pins: Power the Peripheral I/O lines and the USB transceivers; voltage ranges from
2.7V and 3.6V, 3.3V nominal.
• VDDBU pin: Powers the Slow Clock oscillator and a part of the System Controller; voltage
ranges from 1.08V and 1.32V, 1.2V nominal.
• VDDPLL pin: Powers the PLL cells; voltage ranges from 3.0V and 3.6V, 3.3V nominal.
• VDDOSC pin: Powers the Main Oscillator cells; voltage ranges from 3.0V and 3.6V, 3.3V
nominal.
The double power supplies VDDIOM and VDDIOP are identified in Table 4-1 on page 10. These
supplies enable the user to power the device differently for interfacing with memories and for
interfacing with peripherals.
Ground pins GND are common to VDDCORE, VDDIOM and VDDIOP pins power supplies. Sep-
arated ground pins are provided for VDDBU, VDDOSC and VDDPLL. The ground pins are
GNDBU, GNDOSC and GNDPLL, respectively.
5.2
Power Consumption
The AT91SAM9261S consumes about 550 µA of static current on VDDCORE at 25°C. This
static current rises at up to 5.5 mA if the temperature increases to 85°C.
On VDDBU, the current does not exceed 3 µA @25°C, but can rise at up to 20 µA @85°C.
For dynamic power consumption, the AT91SAM9261S consumes a maximum of 50 mA on
VDDCORE at maximum speed in typical conditions (1.2V, 25°C), processor running full-perfor-
mance algorithm.
6.
I/O Line Considerations
6.1
JTAG Port Pins
TMS, TDI and TCK are Schmitt trigger inputs and have no pull-up resistors.
TDO and RTCK are outputs, driven at up to VDDIOP, and have no pull-up resistor.
The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level (tied
to VDDBU). It integrates a permanent pull-down resistor of about 15 k
Ω to GNDBU, so that it can
be left unconnected for normal operations.
The NTRST pin is used to initialize the embedded ICE TAP Controller when asserted at a low
level. It integrates a permanent pull-up resistor of about 15 k
Ω to VDDIOP, so that it can be left
unconnected for normal operations.


Similar Part No. - AT91SAM9261S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261SB-CU ATMEL-AT91SAM9261SB-CU Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM9261S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com