Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9XE128 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM9XE128
Description  AT91 ARM Thumb Microcontrollers
Download  866 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9XE128 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM9XE128_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9XE128_1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 866 page
background image
11
6254B–ATARM–29-Apr-09
AT91SAM9XE128/256/512 Preliminary
4.
Package and Pinout
The AT91SAM9XE128/256/512 is available in a 208-pin PQFP Green package (0.5mm pitch) or
in a 217-ball LFBGA Green package (0.8 mm ball pitch).
4.1
208-pin PQFP Package Outline
Figure 4-1 shows the orientation of the 208-pin PQFP package.
A detailed mechanical description is given in the section “AT91SAM9XE Mechanical Character-
istics” of the product datasheet.
Figure 4-1.
208-pin PQFP Package Outline (Top View)
152
53
104
105
156
157
208


Similar Part No. - AT91SAM9XE128_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9XE128_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com