Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91CAP9S500A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91CAP9S500A
Description  Customizable Microcontroller Processor
Download  1137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91CAP9S500A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91CAP9S500A_1 Datasheet HTML 3Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 4Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 5Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 6Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 7Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 8Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 9Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 10Page - ATMEL Corporation AT91CAP9S500A_1 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1137 page
background image
7
6264C–CAP–24-Mar-09
AT91CAP9S500A/AT91CAP9S250A
CompactFlash Support
CFCE1 - CFCE2
CompactFlash Chip Enable
Output
Low
CFOE
CompactFlash Output Enable
Output
Low
CFWE
CompactFlash Write Enable
Output
Low
CFIOR
CompactFlash IO Read
Output
Low
CFIOW
CompactFlash IO Write
Output
Low
CFRNW
CompactFlash Read Not Write
Output
CFCS0 - CFCS1
CompactFlash Chip Select Lines
Output
Low
NAND Flash Support
NANDCS
NAND Flash Chip Select
Output
Low
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
DDR/SDRAM Controller
SDCK
DDR/SDRAM Clock
Output
SDCKN
DDR Inverted Clock
Output
DQS0 - DQS1
DDR Data Qualifier Strobes
I/O
DQM0 - DQM1
DDR/SDRAM Data Masks
Output
DQM2 - DQM3
DDR/SDRAM Data Masks
Output
SDCKE
DDR/SDRAM Clock Enable
Output
High
SDCS
DDR/SDRAM Controller Chip Select
Output
Low
BA0 - BA1
DDR/SDRAM Bank Select
Output
SDWE
DDR/SDRAM Write Enable
Output
Low
RAS - CAS
DDR/SDRAMRow and Column Signal
Output
Low
SDA10
DDR/SDRAM Address 10 Line
Output
Burst CellularRAM Controller
BCCK
Burst CellularRAM Clock
Output
BCCRE
Burst CellularRAM Enable
Output
BCADV
Burst CellularRAM Burst Advance Signal
Output
BCWE
Burst CellularRAM Write Enable
Output
BCOE
Burst CellularRAM Output Enable
Output
BCOWAIT
Burst CellularRAM Output Wait
Input
Multimedia Card Interface MCI
MCIx_CK
Multimedia Card Clock
Output
MCIx_CD
Multimedia Card Command
I/O
MCIx_D0 - D3
Multimedia Card Data
I/O
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91CAP9S500A_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A-CJ ATMEL-AT91CAP9S500A-CJ Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A-CJ ATMEL-AT91CAP9S500A-CJ Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A_09 Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
More results

Similar Description - AT91CAP9S500A_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
   Customizable Microcontroller Processor
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A_09 Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
   Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 51P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
   Customizable Microcontroller
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com