Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9R64 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  AT91 ARM Thumb Microcontrollers
Download  903 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM9R64_1 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 903 page
background image
10
6289C–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
AC97 Controller - AC97C
AC97RX
AC97 Receive Signal
Input
Not present on AT91SAM9R64.
AC97TX
AC97 Transmit Signal
Output
Not present on AT91SAM9R64.
AC97FS
AC97 Frame Synchronization Signal
Output
Not present on AT91SAM9R64.
AC97CK
AC97 Clock signal
Input
Not present on AT91SAM9R64.
Timer/Counter - TC
TCLKx
TC Channel x External Clock Input
Input
TCLK1 not present on AT91SAM9R64.
TIOAx
TC Channel x I/O Line A
I/O
TIOA1, TIOA2 not present on AT91SAM9R64.
TIOBx
TC Channel x I/O Line B
I/O
TIOB1, TIOB2 not present on AT91SAM9R64.
Pulse Width Modulation Controller- PWMC
PMWx
Pulse Width Modulation Output
Output
PWM2 not present on AT91SAM9R64.
Serial Peripheral Interface - SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
NPCS0
SPI Peripheral Chip Select 0
I/O
Low
NPCS1 - NPCS3
SPI Peripheral Chip Select
Output
Low
NPCS2, NPCS3 not present on AT91SAM9R64.
Two-Wire Interface - TWIx
TWDx
TWIx Two-wire Serial Data
I/O
TWD1 not present on AT91SAM9R64.
TWCKx
TWIx Two-wire Serial Clock
I/O
TWCK1 not present on AT91SAM9R64.
Touch Screen Analog-to-Digital Converter
GPAD0-GPAD5
Analog Inputs
Analog
GPAD4, GPAD5 not present on AT91SAM9R64.
AD0X
P
Touch Panel Right side
Analog
Multiplexed with AD0
AD1X
M
Touch Panel Left side
Analog
Multiplexed with AD1
AD2YP
Touch Panel Top side
Analog
Multiplexed with AD2
AD3Y
M
Touch Panel Bottom side
Analog
Multiplexed with AD3. Not present on
AT91SAM9R64.
TSADTRG
ADC Trigger
Input
TSADVREF
ADC Reference
Analog
LCD Controller - LCDC
LCDD0 - LCDD23
LCD Data Bus
Output
Not present on AT91SAM9R64.
LCDVSYNC
LCD Vertical Synchronization
Output
Not present on AT91SAM9R64.
LCDHSYNC
LCD Horizontal Synchronization
Output
Not present on AT91SAM9R64.
LCDDOTCK
LCD Dot Clock
Output
Not present on AT91SAM9R64.
LCDDEN
LCD Data Enable
Output
Not present on AT91SAM9R64.
LCDCC
LCD Contrast Control
Output
Not present on AT91SAM9R64.
LCDPWR
LCD panel Power enable control
Output
Not present on AT91SAM9R64.
LCDMOD
LCD Modulation signal
Output
Not present on AT91SAM9R64.
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9R64_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9R64 ATMEL-AT91SAM9R64_14 Datasheet
12Mb / 903P
   Multi-layer AHB Bus Matrix for Large Bandwidth Transfers
More results

Similar Description - AT91SAM9R64_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com