Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9XE512-CU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91SAM9XE512-CU
Description  AT91 ARM Thumb Microcontrollers
Download  866 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9XE512-CU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM9XE512-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 10Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 11Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 12Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 13Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 866 page
background image
10
6254B–ATARM–29-Apr-09
AT91SAM9XE128/256/512 Preliminary
Note:
1. Programming of this pull-up resistor is performed independently for each I/O line through the PIO Controllers. After reset, all
the I/O lines default as inputs with pull-up resistors enabled, except those which are multiplexed with the External Bus Inter-
face signals that require to be enabled as Peripheral at reset. This is explicitly indicated in the column “Reset State” of the
peripheral multiplexing tables.
Ethernet 10/100
ETXCK
Transmit Clock or Reference Clock
Input
VDDIOP0
MII only, REFCK in RMII
ERXCK
Receive Clock
Input
VDDIOP0
MII only
ETXEN
Transmit Enable
Output
VDDIOP0
ETX0-ETX3
Transmit Data
Output
VDDIOP0
ETX0-ETX1 only in RMII
ETXER
Transmit Coding Error
Output
VDDIOP0
MII only
ERXDV
Receive Data Valid
Input
VDDIOP0
RXDV in MII, CRSDV in RMII
ERX0-ERX3
Receive Data
Input
VDDIOP0
ERX0-ERX1 only in RMII
ERXER
Receive Error
Input
VDDIOP0
ECRS
Carrier Sense and Data Valid
Input
VDDIOP0
MII only
ECOL
Collision Detect
Input
VDDIOP0
MII only
EMDC
Management Data Clock
Output
VDDIOP0
EMDIO
Management Data Input/Output
I/O
VDDIOP0
EF100
Force 100Mbit/sec.
Output
High
VDDIOP0
Image Sensor Interface
ISI_D0-
ISI_D11
Image Sensor Data
Input
VDDIOP1
ISI_MCK
Image sensor Reference clock
output
VDDIOP1
ISI_HSYNC
Image Sensor Horizontal Synchro
input
VDDIOP1
ISI_VSYNC
Image Sensor Vertical Synchro
input
VDDIOP1
ISI_PCK
Image Sensor Data clock
input
VDDIOP1
Analog to Digital Converter
AD0-AD3
Analog Inputs
Analog
VDDANA
Digital pulled-up inputs at reset
ADVREF
Analog Positive Reference
Analog
VDDANA
ADTRG
ADC Trigger
Input
VDDANA
Fast Flash Programming Interface
PGMEN[2:0]
Programming Enabling
Input
VDDIOP0
PGMNCMD
Programming Command
Input
Low
VDDIOP0
PGMRDY
Programming Ready
Output
High
VDDIOP0
PGMNOE
Programming Read
Input
Low
VDDIOP0
PGMNVALID
Data Direction
Output
Low
VDDIOP0
PGMM[3:0]
Programming Mode
Input
VDDIOP0
PGMD[15:0]
Programming Data
I/O
VDDIOP0
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments


Similar Part No. - AT91SAM9XE512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
1Mb / 50P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
954Kb / 48P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9XE512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com