Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9G20B-CU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM9G20B-CU
Description  AT91 ARM Thumb Microcontrollers
Download  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20B-CU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM9G20B-CU Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20B-CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 832 page
background image
3
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
1.
Description
The AT91SAM9G20 is based on the integration of an ARM926EJ-S processor with fast ROM
and RAM memories and a wide range of peripherals.
The AT91SAM9G20 embeds an Ethernet MAC, one USB Device Port, and a USB Host control-
ler. It also integrates several standard peripherals, such as the USART, SPI, TWI, Timer
Counters, Synchronous Serial Controller, ADC and MultiMedia Card Interface.
The AT91SAM9G20 is architectured on a 6-layer matrix, allowing a maximum internal bandwidth
of six 32-bit buses. It also features an External Bus Interface capable of interfacing with a wide
range of memory devices.
The AT91SAM9G20 is an enhancement of the AT91SAM9260 with the same peripheral fea-
tures. It is pin-to-pin compatible with the exception of power supply pins. Speed is increased to
reach 400 MHz on the ARM core and 133 MHz on the system bus and EBI.


Similar Part No. - AT91SAM9G20B-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G20B-CU ATMEL-AT91SAM9G20B-CU Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20B-CU ATMEL-AT91SAM9G20B-CU Datasheet
957Kb / 42P
   AT91 ARM Thumb Microcontrollers
logo
Microchip Technology
AT91SAM9G20B-CU MICROCHIP-AT91SAM9G20B-CU Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
More results

Similar Description - AT91SAM9G20B-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com