Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9G10 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM9G10
Description  AT91 ARM Thumb-based Microcontrollers
Download  730 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G10 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM9G10_1 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G10_1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 730 page
background image
5
6462A–ATARM–03-Jun-09
AT91SAM9G10
3.
Signal Description
Table 3-1.
Signal Description by Peripheral
Signal Name
Function
Type
Active Level
Comments
Power
VDDIOM
EBI I/O Lines Power Supply
Power
1.65 V to 1.95V and 3.0V to 3.6V
VDDIOP
Peripherals I/O Lines Power Supply
Power
3.0V to 3.6V
VDDBU
Backup I/O Lines Power Supply
Power
1.08V to 1.32V
VDDPLL
PLL Power Supply
Power
3.0V to 3.6V
VDDOSC
Oscillator Power Supply
Power
3.0V to 3.6V
VDDCORE
Core Chip Power Supply
Power
1.08V to 1.32V
GND
Ground
Ground
GNDPLL
PLL Ground
Ground
GNDOSC
Oscillator Ground
Ground
GNDBU
Backup Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
PLLRCA
PLL Filter
Input
PLLRCB
PLL Filter
Input
PCK0 - PCK3
Programmable Clock Output
Output
Shutdown, Wakeup Logic
SHDN
Shutdown Control
Output
Do not tie over VDDBU.
WKUP
Wake-Up Input
Input
Accepts between 0V and VDDBU.
ICE and JTAG
TCK
Test Clock
Input
No pull-up resistor.
RTCK
Returned Test Clock
Output
No pull-up resistor.
TDI
Test Data In
Input
No pull-up resistor.
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
No pull-up resistor.
NTRST
Test Reset Signal
Input
Low
Pull-up resistor.
JTAGSEL
JTAG Selection
Input
Pull-down resistor. Accepts
between 0V and VDDBU.
Reset/Test
NRST
Microcontroller Reset
I/O
Low
Pull-up resistor
TST
Test Mode Select
Input
Pull-down resistor.
BMS
Boot Mode Select
Input
Debug Unit
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output


Similar Part No. - AT91SAM9G10_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G10 ATMEL-AT91SAM9G10_14 Datasheet
717Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results

Similar Description - AT91SAM9G10_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com