Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32AP7000-CTUR Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT32AP7000-CTUR
Description  AVR32 32-bit Microcontroller
Download  973 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7000-CTUR Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT32AP7000-CTUR Datasheet HTML 2Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 3Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 4Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 5Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 6Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 7Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 8Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 9Page - ATMEL Corporation AT32AP7000-CTUR Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 973 page
background image
6
32003M–AVR32–09/09
AT32AP7000
TX_CLK
Transmit Clock or Reference Clock
Input
TX_EN
Transmit Enable
Output
TX_ER
Transmit Coding Error
Output
External Bus Interface - EBI
PX0 - PX53
I/O Controlled by EBI
I/O
ADDR0 - ADDR25
Address Bus
Output
CAS
Column Signal
Output
Low
CFCE1
Compact Flash 1 Chip Enable
Output
Low
CFCE2
Compact Flash 2 Chip Enable
Output
Low
CFRNW
Compact Flash Read Not Write
Output
DATA0 - DATA31
Data Bus
I/O
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
NCS0 - NCS5
Chip Select
Output
Low
NRD
Read Signal
Output
Low
NWAIT
External Wait Signal
Input
Low
NWE0
Write Enable 0
Output
Low
NWE1
Write Enable 1
Output
Low
NWE3
Write Enable 3
Output
Low
RAS
Row Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
SDWE
SDRAM Write Enable
Output
Low
Image Sensor Interface - ISI
DATA0 - DATA11
Image Sensor Data
Input
HSYNC
Horizontal Synchronization
Input
PCLK
Image Sensor Data Clock
Input
Table 2-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32AP7000-CTUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000-CTUR ATMEL-AT32AP7000-CTUR Datasheet
374Kb / 53P
   32-bit Microcontroller
AT32AP7000-CTUR ATMEL-AT32AP7000-CTUR Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
More results

Similar Description - AT32AP7000-CTUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com