Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A0256-CTUT Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT32UC3A0256-CTUT
Description  AVR32 32-Bit Microcontroller
Download  826 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0256-CTUT Datasheet(HTML) 5 Page - ATMEL Corporation

  AT32UC3A0256-CTUT Datasheet HTML 1Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 2Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 3Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0256-CTUT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 826 page
background image
5
32058H–AVR32–03/09
AT32UC3A
4.
Blockdiagram
Figure 4-1.
Blockdiagram
UC CPU
NEXUS
CLASS 2+
OC D
IN S TR
IN TE R FAC E
DATA
IN TE R FAC E
TIM E R /CO UNTER
IN TE RRUPT
CO NTRO LLE R
REAL TIM E
CO UNTER
PERIPHERAL
DM A
CO NTRO LLER
512 K B
FLA SH
H S B-PB
B R ID G E B
HSB-PB
BRID G E A
S
MM
M
M
M
S
S
S
S
S
M
EXTE RNAL
IN TERRUPT
CO NTRO LLER
HIG H SPEED
BUS M A TR IX
FAST G P IO
64 KB
SRAM
PA
PB
PC
PX
A [2..0]
B[2..0]
CLK[2..0]
EXTIN T[7..0]
K P S[7..0]
NMI_N
GCLK [3..0]
XIN 32
XO UT32
XIN0
XO U T0
PA
PB
PC
PX
RESET_N
CAS
RAS
SD A10
SD CK
SDC K E
SD CS0
SD W E
NC S [3..0]
NRD
NW AIT
NW E 0
D A TA [15..0]
USB
IN TER FA C E
DM A
ID
VBO F
VBU S
D-
D+
ETHERNET
MAC
DM A
32 K H z
OS C
115 kH z
RCO SC
OS C 0
P LL0
PULS E W IDTH
M O DULATIO N
CO NTRO LLE R
SERIAL
PE R IP H ER A L
IN TE RFACE 0/1
TW O -W IR E
IN TE R FAC E
M ISO , M O SI
NP C S [3..1]
P W M [6..0]
SC L
SD A
USAR T1
RX D
TX D
CLK
RTS , CTS
D S R, DTR, D CD , RI
USAR T0
USAR T2
USAR T3
RX D
TX D
CLK
RTS , CTS
SYNCHRO NO US
SERIAL
CO NTRO LLE R
TX _C LO C K , TX _FRA M E _S Y N C
RX _D A TA
TX_D ATA
RX _C LO C K , R X _FRA M E _S Y N C
A N ALOG TO
DIG ITA L
CO NVERTE R
A D[7..0]
AD VREF
W A TCHDO G
TIM E R
XIN1
XO U T1
OS C 1
P LL1
SC K
JTA G
IN TER FA C E
MCK O
M D O [5..0]
M S E O [1..0]
EVTI_N
EVTO_N
TC K
TDO
TD I
TM S
PO W E R
MAN A G E R
RESET
CO NTRO LLER
A DD R[23..0]
SLEEP
CO NTRO LLER
CLO C K
CO NTRO LLER
CLO C K
G E NERATO R
CO L,
CR S,
RX D[3..0],
R X_CLK ,
RX _DV ,
RX_E R
MDC ,
TX D [3..0],
TX _C LK,
TX _E N ,
TX _E R ,
SPEED
MDIO
C O N FIG U RATIO N
REG ISTER S BUS
M E M O RY PRO TEC TIO N U NIT
PB
PB
HS B
HS
B
NW E 1
NW E 3
NPC S0
LO C A L BU S
INTE RFA CE
AUDIO
B ITSTR E AM
DAC
DA TA [1..0]
DA TA N[1..0]


Similar Part No. - AT32UC3A0256-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0256-ALUR ATMEL-AT32UC3A0256-ALUR Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0256-ALUT ATMEL-AT32UC3A0256-ALUT Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32UC3A0256-ALUT ATMEL-AT32UC3A0256-ALUT Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0256-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com