Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAA170P Datasheet(PDF) 1 Page - Clare, Inc.

Part # XAA170P
Description  Dual Single Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XAA170P Datasheet(HTML) 1 Page - Clare, Inc.

  XAA170P Datasheet HTML 1Page - Clare, Inc. XAA170P Datasheet HTML 2Page - Clare, Inc. XAA170P Datasheet HTML 3Page - Clare, Inc. XAA170P Datasheet HTML 4Page - Clare, Inc. XAA170P Datasheet HTML 5Page - Clare, Inc. XAA170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-XAA170-R03
1
XAA170
Dual Single Pole OptoMOS® Relay
Part #
Description
XAA170
8 Pin DIP (50/Tube)
XAA170P
8 Pin Flatpack (50/Tube)
XAA170PTR
8 Pin Flatpack T&R (1000/Reel)
XAA170S
8 Pin Surface Mount (50/Tube)
XAA170STR
8 Pin Surface Mount T&R (1000/Reel)
CPC1219YA
Units
Blocking Voltage
350
V
P
Load Current
100
mA
Max R
ON
50
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Small 8 Pin Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
rms Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
The dual 1-Form-A XAA170 solid state relay has
two independent, optically coupled, normally open
single-pole relays in a single 8-pin package. Clare's
patented OptoMOS architecture makes available the
optically coupled technology necessary to activate the
output's efficient MOSFET switches while providing
a 3750V
rms input-to-output isolation barrier. Control
of the isolated output is accomplished by means of a
highly effective GaAlAs infrared LED at the input.
By incorporating two independent single-pole relays
into a single 8-pin package, the XAA170 saves board
space by providing a more compact design solution
than two discrete single-pole relays in a variety of
applications.
Approvals
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
EN/IEC 60950-1 compliant
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+
Switching Characteristics of
Normally Open (Form A) Devices


Similar Part No. - XAA170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XAA170P CLARE-XAA170P Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
XAA170P IXYS-XAA170P Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
XAA170PTR CLARE-XAA170PTR Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
XAA170PTR IXYS-XAA170PTR Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - XAA170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com