Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD16M64D16EV Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M64D16EV
Description  128Mbyte(16Mx64) EDO Mode 4K/8K Ref. 3.3V, DIMM 168 pin
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M64D16EV Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD16M64D16EV Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M64D16EV Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HANBiT
HMD16M64D16EV
URL: www.hbe.co.kr
- 5 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
ICC1 : Operating Current * (/RAS , /CAS , Address cycling @tRC=min.)
ICC2 : Standby Current ( /RAS=/CAS=VIH )
ICC3 : /RAS Only Refresh Current * ( /CAS=VIH, /RAS, Address cycling @tRC=min )
ICC4 : EDO Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 4.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 3.3V
VOH : Output High Voltage Level (IOH= -2mA )
VOL : Output Low Voltage Level (IOL = 2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 3.3V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A11)
CIN1
-
90
pF
Input Capacitance (/WE0,/WE2,/OE0,/OE2)
C IN2
-
66
pF
Input Capacitance (/RAS0,/RAS2)
CIN3
-
66
pF
Input Capacitance (/CAS0-/CAS7)
CIN4
-
24
pF
Input/Output Capacitance (DQ0-63)
CDQ1
-
17
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 3V±10%, See notes 1,2.)
-5
-6
STANDARD OPERATION
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
84
104
ns
Read-modify-write cycle time
tRWC
128
153
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
13
15
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
ns
/OE to output in Low-Z
tOLZ
3
3
ns
Output buffer turn-off delay from /CAS
tOFF
3
13
3
13
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
8
10
ns
/CAS hold time
tCSH
38
40
ns
/CAS pulse width
tCAS
8
10K
10
10K
ns


Similar Part No. - HMD16M64D16EV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMD16M64B8A-10 ETC1-HMD16M64B8A-10 Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
logo
Hanbit Electronics Co.,...
HMD16M64B8A-10 HANBIT-HMD16M64B8A-10 Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
List of Unclassifed Man...
HMD16M64B8A-10L ETC1-HMD16M64B8A-10L Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
logo
Hanbit Electronics Co.,...
HMD16M64B8A-10L HANBIT-HMD16M64B8A-10L Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
List of Unclassifed Man...
HMD16M64B8A-12 ETC1-HMD16M64B8A-12 Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
More results

Similar Description - HMD16M64D16EV

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M72D18EV HANBIT-HMD4M72D18EV Datasheet
524Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M64D16EV HANBIT-HMD4M64D16EV Datasheet
98Kb / 8P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M72D18EG HANBIT-HMD4M72D18EG Datasheet
525Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
   32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com