Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A0512 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  AVR32 32-Bit Microcontroller
Download  826 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT32UC3A0512 Datasheet HTML 4Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 5Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 9Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 10Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 11Page - ATMEL Corporation AT32UC3A0512 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 826 page
background image
8
32058H–AVR32–03/09
AT32UC3A
5.
Signals Description
The following table gives details on the signal name classified by peripheral
The signals are multiplexed with GPIO pins as described in ”Peripheral Multiplexing on I/O lines”
on page 45.
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
Power
VDDPLL
Power supply for PLL
Power
Input
1.65V to 1.95 V
VDDCORE
Core Power Supply
Power
Input
1.65V to 1.95 V
VDDIO
I/O Power Supply
Power
Input
3.0V to 3.6V
VDDANA
Analog Power Supply
Power
Input
3.0V to 3.6V
VDDIN
Voltage Regulator Input Supply
Power
Input
3.0V to 3.6V
VDDOUT
Voltage Regulator Output
Power
Output
1.65V to 1.95 V
GNDANA
Analog Ground
Ground
GND
Ground
Ground
Clocks, Oscillators, and PLL’s
XIN0, XIN1, XIN32
Crystal 0, 1, 32 Input
Analog
XOUT0, XOUT1,
XOUT32
Crystal 0, 1, 32 Output
Analog
JTAG
TCK
Test Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
Auxiliary Port - AUX
MCKO
Trace Data Output Clock
Output
MDO0 - MDO5
Trace Data Output
Output


Similar Part No. - AT32UC3A0512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0512-ALTES ATMEL-AT32UC3A0512-ALTES Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0512-ALTR ATMEL-AT32UC3A0512-ALTR Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0512-ALTT ATMEL-AT32UC3A0512-ALTT Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com