Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A0256 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32UC3A0256
Description  AVR32 32-Bit Microcontroller
Download  826 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0256 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32UC3A0256 Datasheet HTML 1Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 2Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 3Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 4Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 5Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 826 page
background image
4
32058H–AVR32–03/09
AT32UC3A
2.
Configuration Summary
The table below lists all AT32UC3A memory and package configurations:
3.
Abbreviations
• GCLK: Power Manager Generic Clock
• GPIO: General Purpose Input/Output
• HSB: High Speed Bus
• MPU: Memory Protection Unit
• OCD: On Chip Debug
• PB: Peripheral Bus
• PDCA: Peripheral Direct Memory Access Controller (PDC) version A
• USBB: USB On-The-GO Controller version B
Device
Flash
SRAM
Ext. Bus Interface
Ethernet
MAC
Package
AT32UC3A0512
512 Kbytes
64 Kbytes
yes
yes
144 pin LQFP
144 pin BGA
AT32UC3A0256
256 Kbytes
64 Kbytes
yes
yes
144 pin LQFP
144 pin BGA
AT32UC3A0128
128 Kbytes
32 Kbytes
yes
yes
144 pin LQFP
144 pin BGA
AT32UC3A1512
512 Kbytes
64 Kbytes
no
yes
100 pin TQFP
AT32UC3A1256
256 Kbytes
64 Kbytes
no
yes
100 pin TQFP
AT32UC3A1128
128 Kbytes
32 Kbytes
no
yes
100 pin TQFP


Similar Part No. - AT32UC3A0256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0256 ATMEL-AT32UC3A0256 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32UC3A0256 ATMEL-AT32UC3A0256 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0256 ATMEL-AT32UC3A0256 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
AT32UC3A0256-ALUR ATMEL-AT32UC3A0256-ALUR Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0256-ALUT ATMEL-AT32UC3A0256-ALUT Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com