Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF1M32F8-120 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32F8-120
Description  Flash-ROM Module 4MByte (1Mx32Bit), 100Pin-MMC, 5.5V Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32F8-120 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMF1M32F8-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HANBit
HMF1M32F8
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02 (August,2002)
2
A0-18
FUNCTIONAL BLOCK DIAGRAM
32
A0-18
/WE
/OE
DQ0-7
/CE
U1
A0-18
/WE
/OE
DQ0-7
/CE
U5
A0-18
/WE
/OE
DQ0-7
/CE
U2
A0-18
/WE
/OE
DQ 0-7
/CE
U3
A0-18
/WE
/OE
/CE
U4
/CE-LL1
/WE
/OE
A0-18
/WE
/OE
DQ0-7
/CE
U6
A0-18
/WE
/OE
/CE
U7
A0-18
/WE
/OE
DQ0-7
/CE
U8
/WE
/OE
/CE-LL2
/CE-LM1
/CE-LM2
/CE-UM1
/CE-UM2
/CE-UU1
/CE-UU2
DQ 0-DQ31
A0-A18
19
DQ0-7
DQ8-15
DQ16-23
DQ24-31
DQ0-7
DQ8-15
DQ0-7
DQ0-7
DQ16-23
DQ24-31


Similar Part No. - HMF1M32F8-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-120 HANBIT-HMF1M32F2VA-120 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-70 HANBIT-HMF1M32F2VA-70 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-80 HANBIT-HMF1M32F2VA-80 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-90 HANBIT-HMF1M32F2VA-90 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
More results

Similar Description - HMF1M32F8-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32F2VC HANBIT-HMF1M32F2VC Datasheet
83Kb / 8P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com