Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA555811-DDB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA555811-DDB
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555811-DDB Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA555811-DDB Datasheet HTML 1Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 2Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 3Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 4Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 5Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 6Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 7Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 8Page - ATMEL Corporation ATA555811-DDB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
4681E–RFID–11/09
ATA5558
A valid Write command can be used for programming a data block of 33 bits – including the
associated lock bit – into an addressed location of either memory section. Once locked
(lock bit = 1), the entire block including the lock bit itself can no longer be reprogrammed
selectively.
The system memory section is situated at the upper end of the (6-bit) memory address range
and contains all system parameters and configuration settings. This area has restricted access
(see Figure 2-5 on page 7) and the majority of blocks can only be read or written after the suc-
cessful execution of the appropriate Password Login command (see Table 7-1 on page 24).
All the configuration settings are allocated in block 63 (see Figure 2-7 on page 9) and the pass-
word protection security information in block 62 (see Figure 2-6 on page 7).
2.6.2
Traceability Data
The traceability information is programmed and locked into the traceability blocks (59-61) by
Atmel during the production test(1).
Note:
1. This is not valid for -DDW (tested die on unsawn wafer) delivery.
Figure 2-4.
Tag ID and Traceability Structure
IC code
4-digit Atmel IC reference number, e.g. ’5558’
ACL
Allocation class as defined in ISO/IEC TDR 15963-1 = E0h
MFC
Manufacturer code of Atmel Corp. as defined in ISO/IEC 7816-6/AM1 = 15h
ICR
4-bit Atmel IC revision code
DPW
18-bit binary encoded die number on wafer
Wafer#
5-bit binary wafer number
Lot ID
9-digit lot number
RFU
Reserved for Future Use
7 ............. 0
15 ......... 8
31 ................................. 16
7... 4
30 .............. 26
3 ... 0
25 ........................ 8
15
.....................
0
31
...................
16
TagID
TagID(msb)...........TagID(msb-16)
TagID(msb-17)........TagID(msb-31)
Block 57
Block 56
Anticollison detection starts with this bit
Block 58
Traceability
MFC
ICR
Block 60
Block 59
ACL
LotID
die on wafer 18 bit
wafer # 5bit
TagID(msb-49)........TagID(msb-63)
TagID(msb-32).......TagID(msb-48)
TagID(msb-80)........TagID(msb-95)
TagID(msb-64).......TagID(msb-79)
IC code
Block 61
LotID


Similar Part No. - ATA555811-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555811-DDB ATMEL-ATA555811-DDB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555811-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558 Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com