Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA555812-DBB Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA555812-DBB
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555812-DBB Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA555812-DBB Datasheet HTML 7Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 8Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 9Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 10Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 11Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 12Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 13Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 14Page - ATMEL Corporation ATA555812-DBB Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
4681E–RFID–11/09
ATA5558
Figure 3-2.
SOF Pattern
3.1.2
Public Mode
1.
In Public Mode the cyclic data stream will be preceded by a single SOF pattern after the
completion of the POR delay.
2.
The variable number of preamble data bits is aimed at easing the interrogator design
and optimizing system performance.
3.
Within any closed identification system the preamble length for all tags must be
identical.
3.2
Interrogator to Tag Communication
All commands and data bit streams from the interrogator to the tag are 100% (OOK –
On-Off-Key) modulated using a modified 1 out of 4 pulse position coding. Depending on the
data, the continuous RF field is interspersed with short field gaps of constant duration and vari-
able separation. The time from one gap to the next may take on one of four discrete values.
Each of these represent one of four possible dual bit downlink data codes (00 .. 11) in the data
stream (see Figure 3-3). The downlink data transfer speed is dependent on the downlink data
rate (DDR) bit set in the tag configuration block, so that selected tags can always understand the
interrogator. The minimum write data coding (maximum data rate) is 9 field clocks. This corre-
sponds with the d
00 (dref) parameter in Figure 3-3 and Table 3-1 on page 12.
Figure 3-3.
Interrogator to Tag - Modified 1 out of 4 Pulse Position Coding
SOF
2 bit period
code
violation
Example with
Preamble length = 4
W
gap
S
gap
Downlink mode
Uplink mode
d
00
d
ref
d
01
d
11
d
10


Similar Part No. - ATA555812-DBB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555812-DBB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558 Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com