Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA555814-DDB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA555814-DDB
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555814-DDB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA555814-DDB Datasheet HTML 3Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 4Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 5Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 6Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 7Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 8Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 9Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 10Page - ATMEL Corporation ATA555814-DDB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
4681E–RFID–11/09
ATA5558
To access a protected memory block, a Login command with the corresponding read or write
password had to be executed once per session. During the login procedure the 32-bit password
field of the login command is compared with the contents of the corresponding password in the
system memory. If the passwords match, the ATA5558 tag will return an SOF pattern as an
acknowledge signal. If they do not match, the tag will respond with an SOF followed by the
appropriate error code. Writing to a protected memory address which has not been enabled with
the correct LoginWrite password, will result in an error code on completion of the interrogator
command. Reading a password protected memory address which has not been enabled with
the correct LoginRead password, returns a block of all 0 data and no error code.
Figure 2-5.
System Memory Access
Figure 2-6.
Page Security Register
2.7.2
Lock Bit
Each memory block, consists of 32 data bits and an associated lock bit (see Figure 2-3 on page
4). Once a block is locked (lock bit = 1), the entire block including the lock bit itself can no longer
be reprogrammed
Configuration
Page Security
Traceability 3
Traceability 2
Traceability 1
Tag ID 3
Tag ID 2
Tag ID 1
Password - Write
Password - Read
62
63
61
60
59
58
57
56
55
54
Configuration
Page Security
Traceability 3
Traceability 2
Traceability 1
Tag ID 3
Tag ID 2
Tag ID 1
Password - Write
Password - Read
Block Name
Block Name
Block Name
Unlimited Access
Password Access
No Access
Read Access
Write Access
L
32 10
76 54
15 14 13 12
19 18 17 16
23 22 21 20
11 10 9 8
27 26 25 24
31 30 29 28
P4a
P3a
P4b
P0b
P2b
P2a
P3b
P7a P7b P6a P6b P5a P5b
P1a P1b P0a
reserved
Page 7
Page 6
Page 5
Page 4
Page 0
Page 1
Page 2
Page 3
Page Security Data
Password required for
write
read
P
xa
P
xb
00
10
01
1
1
reserved
reserved
no
yes
yes
no
no
yes
Code
MSB.............
...........LSB


Similar Part No. - ATA555814-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555814-DDB ATMEL-ATA555814-DDB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555814-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558 Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com