Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF1M64F4V-120 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M64F4V-120
Description  FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M64F4V-120 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF1M64F4V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M64F4V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HANBit
HMF1M64F4V
URL : www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
3
FUNCTIONAL BLOCK DIAGRAM
DQ0
– DQ63
64
A(0-19)
/WE
/OE
DQ(0-15)
/CE
U2
RY-BY
/Reset
A0-19
/WE
/OE
DQ(16-31)
/CE
U3
RY-BY
/Reset
A(0-19)
/WE
/OE
DQ(32-47)
/CE
U1
RY-BY
/Reset
A(0-19)
/WE
/OE
DQ(48-63)
/CE
U4
RY-BY
/Reset
/WE0
/WE1
/WE2
/WE3
/OE
/BANK0
RY_/BY
/Reset
20
A0
– A19
/BYTE
/BYTE
/BYTE
/BYTE
/BYTE


Similar Part No. - HMF1M64F4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA-70 HANBIT-HMF1M64F4VA-70 Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA-90 HANBIT-HMF1M64F4VA-90 Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS-100 HANBIT-HMF1M64F4VS-100 Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF1M64F4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com