Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA555815-PP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA555815-PP
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555815-PP Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA555815-PP Datasheet HTML 1Page - ATMEL Corporation ATA555815-PP Datasheet HTML 2Page - ATMEL Corporation ATA555815-PP Datasheet HTML 3Page - ATMEL Corporation ATA555815-PP Datasheet HTML 4Page - ATMEL Corporation ATA555815-PP Datasheet HTML 5Page - ATMEL Corporation ATA555815-PP Datasheet HTML 6Page - ATMEL Corporation ATA555815-PP Datasheet HTML 7Page - ATMEL Corporation ATA555815-PP Datasheet HTML 8Page - ATMEL Corporation ATA555815-PP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
4681E–RFID–11/09
ATA5558
The ATA5558 receives commands from the interrogator (downlink) as a 1out of 4 pulse interval
encoded, amplitude modulated signal. Return data transmission from the tag to the interrogator
(uplink) utilizes either Manchester, Bi-phase or NRZ encoded amplitude modulation. This is
achieved by controlled damping of the interrogator’s RF field with an on-chip resistive load
between the two tag terminals, Coil 1 and Coil 2. Multi-Tag identification is implemented using a
deterministic anticollision algorithm which requires unique tag identification information (Tag
ID’s). Three blocks within the system memory are reserved for storage of the Tag ID, the length
of which is user configurable up to a maximum of 96 bits.
Figure 1-2.
System Block Diagram
2.
Functional Blocks
2.1
Analog Front End
The analog front end (AFE) includes all circuitry directly associated with the coil interface. It gen-
erates the internal power supply and handles the data communication with the interrogator. It
consists of the following blocks:
• Rectifier to generate a DC supply voltage from the AC coil voltage
• Low-voltage regulator to provide an on-chip stabilized DC voltage
• Charge pump to generate the high voltage required for EEPROM programming
• On-chip tuning capacitor (mask option)
• Field clock extractor
• Field gap detector for data transmission from interrogator to tag
• Load switching between Coil 1/Coil 2 for data transmission from tag to interrogator
• Electrostatic discharge protection (ESD)
System memory
User memory
(1 kbit EEPROM)
Modulator
HV generator
Input register
Coil 1
Coil 2
* mask option
Mode register
Anticollision logic
Controller
POR


Similar Part No. - ATA555815-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555815-PP ATMEL-ATA555815-PP Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555815-PP ATMEL-ATA555815-PP Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555815-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558 Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com