Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4251 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR4251
Description  Low-noise, High-dynamic-range Antenna Amplifier IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4251 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR4251_09 Datasheet HTML 1Page - ATMEL Corporation ATR4251_09 Datasheet HTML 2Page - ATMEL Corporation ATR4251_09 Datasheet HTML 3Page - ATMEL Corporation ATR4251_09 Datasheet HTML 4Page - ATMEL Corporation ATR4251_09 Datasheet HTML 5Page - ATMEL Corporation ATR4251_09 Datasheet HTML 6Page - ATMEL Corporation ATR4251_09 Datasheet HTML 7Page - ATMEL Corporation ATR4251_09 Datasheet HTML 8Page - ATMEL Corporation ATR4251_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
4913J–AUDR–10/09
ATR4251
3.
Functional Description
The ATR4251 is an integrated AM/FM antenna impedance matching circuit. It compensates
cable losses between the antenna (for example windshield, roof, or bumper antennas) and the
car radio which is usually placed far away from the antenna.
AM refers to the long wave (LW), medium wave (MW) and short wave (SW) frequency bands
(150 kHz to 30 MHz) that are usually used for AM transmission, and FM means any of the fre-
quency bands used world-wide for FM radio broadcast (70 MHz to 110 MHz).
Two separate amplifiers are used for AM and FM due to the different operating frequencies and
requirements in the AM and FM band. This allows the use of separate antennas (for example,
windshield antennas) for AM and FM. Of course, both amplifiers can also be connected to one
antenna (for example, the roof antenna).
Both amplifiers have automatic gain control (AGC) circuits in order to avoid overdriving the
amplifiers under large-signal conditions. The two separate AGC circuits prevent strong AM sig-
nals from blocking FM stations, and vice versa.
3.1
AM Amplifier
Due to the long wavelength in AM bands, the antennas used for AM reception in automotive
applications must be short compared to the wavelength. Therefore these antennas do not pro-
vide 50
Ω output impedance, but have an output impedance of some pF. If these (passive)
antennas are connected to the car radio by a long cable, the capacitive load of this cable (some
100 pF) dramatically reduces the signal level at the tuner input.
In order to overcome this problem, ATR4251 provides an AM buffer amplifier with low input
capacitance (less than 2.5 pF) and low output impedance (5
Ω). The low input capacitance of the
amplifier reduces the capacitive load at the antenna, and the low impedance output driver is able
to drive the capacitive load of the cable. The voltage gain of the amplifier is close to 1 (0 dB), but
the insertion gain that is achieved when the buffer amplifier is inserted between antenna output
and cable may be much higher (35 dB). The actual value depends, of course, on antenna and
cable impedance.
The input of the amplifier is connected by an external 4.7 M
Ω resistor to the bias voltage (pin 7,
SSO20) in order to achieve high input impedance and low noise voltage.
AM tuners in car radios usually use PIN diode attenuators at their input. These PIN diode atten-
uators attenuate the signal by reducing the input impedance of the tuner. Therefore, a series
resistor is used at the AM amplifier output in the standard application. This series resistor guar-
antees a well-defined source impedance for the radio tuner and protects the output of the AM
amplifier from short circuit by the PIN diode attenuator in the car radio.


Similar Part No. - ATR4251_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
302Kb / 20P
   High Dynamic Range for AM and FM
ATR4251-PFSY ATMEL-ATR4251-PFSY Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-PFSY ATMEL-ATR4251-PFSY Datasheet
302Kb / 20P
   High Dynamic Range for AM and FM
ATR4251-TKQY ATMEL-ATR4251-TKQY Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
More results

Similar Description - ATR4251_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com