Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA2526 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA2526
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2526 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA2526 Datasheet HTML 1Page - ATMEL Corporation ATA2526 Datasheet HTML 2Page - ATMEL Corporation ATA2526 Datasheet HTML 3Page - ATMEL Corporation ATA2526 Datasheet HTML 4Page - ATMEL Corporation ATA2526 Datasheet HTML 5Page - ATMEL Corporation ATA2526 Datasheet HTML 6Page - ATMEL Corporation ATA2526 Datasheet HTML 7Page - ATMEL Corporation ATA2526 Datasheet HTML 8Page - ATMEL Corporation ATA2526 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
4905E–AUTO–09/09
ATA2526
3.3
Minimum detection
threshold current
See Figure 6-1 on page 7
Test signal:
See Figure 6-9 on page 10
V
S = 3V
Tamb= 25°C, IIN_DC=1 µA
square pp
burst N = 16
f = f0; tPER = 10 ms
Figure 6-8 on page 9
BER = 50(1)
3IEemin
–800
pA
B
3.4
Minimum detection
threshold current with AC
current disturbance
IIN_AC100 =
3 µA at 100 Hz
3
I
Eemin
–1600
pA
C
3.5
Maximum detection
threshold current with
V
IN > 0V
Test signal:
See Figure 6-9 on page 10
V
S = 3V, Tamb = 25°C
I
IN_DC = 1 µA
square pp
burst N = 16
f = f
0; tPER = 10 ms
Figure 6-8 on page 9
BER = 5%(1)
3IEemax
–200
µA
D
4
Controlled Amplifier and Filter
4.1
Maximum value of
variable gain (CGA)
VS = 3V, Tamb = 25°C
GVARMAX
50
dB
D
4.2
Minimum value of variable
gain (CGA)
V
S = 3V, Tamb = 25°C
G
VARMIN
–6
dB
D
4.3
Total internal
amplification(2)
VS = 3V, Tamb = 25°C
GMAX
72
dB
D
4.4
Center frequency fusing
accuracy of bandpass
VS = 3V, Tamb = 25°C
f03V_FUSE
–2.5
f0
+2.5
%
A
4.5
Overall accuracy center
frequency of bandpass
f
03V
–5.5
f
0
+3.5
%
C
4.6
Overall accuracy center
frequency of bandpass
Tamb = 0 to 70°C
f03V
–4.5
f0
+3.0
%
C
4.7
BPF bandwidth
–3 dB; f
0 = 38 kHz;
See Figure 6-7 on page 9
B
3.8
kHz
C
4.
Electrical Characteristics, 3-V Operation (Continued)
Tamb = –25°C to +85°C, VS = 2.7V to 3.3V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
2. After transformation of input current into voltage


Similar Part No. - ATA2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P133-DDW ATMEL-ATA2526P133-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P136-DDW ATMEL-ATA2526P136-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P137-DDW ATMEL-ATA2526P137-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P138-DDW ATMEL-ATA2526P138-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - ATA2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com