Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF2M32B4VN Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32B4VN
Description  FLASH-ROM MODULE 8MByte (2M x 32Bit), 144-Pin SODIMM, 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32B4VN Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF2M32B4VN Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HANBit
HMF2M32B4VN
,URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
5
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Sector Erase Time
-
0.7
15
Sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
9
300
µs
Excludes system-level
overhead
Chip Programming Time
-
18
54.8
Sec
Excludes system-level
overhead
CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
TYP.
MAX
UNIT
CIN
Input Capacitance
VIN = 0
24
30
pF
COUT
Output Capacitance
VOUT = 0
34
4812
pF
CIN2
Control Pin Capacitance
VIN = 0
30
369
pF
Notes : Test conditions TA = 25
o C, f=1.0 MHz.
AC CHARACTERISTICS
u Read Only Operations Characteristics
PARAMETER
SYMBOLS
Speed Options
JEDEC
STANDARD
DESCRIPTION
TEST SETUP
70R
80
-90
-120
UNIT
TAVAV
tRC
Read Cycle Time
Min
70
80
90
120
ns
TAVQV
tACC
Address to Output Delay
/CE = VIL
/OE = VIL
Max
70
80
90
120
ns
TELQV
tCE
Chip Enable to Output Delay
/OE = VIL
Max
70
80
90
120
ns
TGLQV
tOE
Chip Enable to Output Delay
Max
30
30
35
50
ns
TEHQZ
tDF
Chip Enable to Output High-Z
Max
25
25
30
30
ns
TGHQZ
tDF
Output Enable to Output High -Z
Max
125
25
30
30
ns
TAXQX
tQH
Output Hold Time From Addresses,
/CE or /OE, Whichever Occurs First
Min
0
0
0
0
ns
Notes : Test Conditions
Output Load : 1TTL gate and Output Load Capacitance 100 pF, in case of 55ns-30pF
Input rise and fall times : 5 ns , In case of 55ns-5ns
Input pulse levels : 0 .45V to 2.4V, In case of 55ns- 0.0V-3.0V
Timing measurement reference level
Input : 0.8V, Incase of 55ns-1.5V
Output : 2.0V, In case of 55ns-1.5V


Similar Part No. - HMF2M32B4VN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V-120 ETC-HMF2M32B4V-120 Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF2M32B4V-120 HANBIT-HMF2M32B4V-120 Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V-70 ETC-HMF2M32B4V-70 Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
More results

Similar Description - HMF2M32B4VN

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8VN HANBIT-HMF4M32B8VN Datasheet
430Kb / 13P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF4M16J4V HANBIT-HMF4M16J4V Datasheet
407Kb / 11P
   Flash-ROM Module 8MByte (4Mx16bit), 68-pin JLCC type, 3.3V Design
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com