Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF230-ZU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT86RF230-ZU
Description  Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230-ZU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT86RF230-ZU Datasheet HTML 7Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 8Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 9Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 10Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 11Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 12Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 13Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 14Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
11
5131E-MCU Wireless-02/09
AT86RF230
6.1 SPI Timing Description
The SPI is designed to work in synchronous or asynchronous mode.
In synchronous mode, the CLKM output of the radio transceiver is used as the master
clock of the microcontroller. In this case the maximum SPI clock frequency is 8 MHz.
In asynchronous mode, the SPI master clock (SCLK) is generated by the
microcontroller itself. The maximum SPI clock rate is limited to 7.5 MHz using this
operating mode. If the clock signal from the radio transceiver pin CLKM is not required,
it may be disabled.
Figure 6-2 and Figure 6-3 illustrate the SPI timing and introduce its parameters. The
corresponding timing parameter definition is given in Table 11-4.
Figure 6-2.
SPI Timing, Global Map and Definition of Timing Parameters t5, t6, t8 and t9
Figure 6-3.
SPI Timing, Detailed View and Definition of Timing Parameters t0 to t4
Bit 7
Bit 6
t1
t0
t2
Bit 5
t4
t3
Bit 7
Bit 6
Bit 5
SCLK
SEL
MOSI
MISO
The SPI is based on a byte-oriented protocol and is always a bidirectional
communication between master and slave. The SPI master starts the transfer by
asserting SEL = L. Then the master generates eight SPI clock cycles to transfer a byte
to the radio transceiver (via MOSI). At the same time the slave transmits one byte to the
master (via MISO). When the master wants to receive one byte of data from the slave it
must also transmit one byte to the slave. All bytes are transferred MSB first. An SPI
transaction is finished by releasing SEL = H.
A SPI register access consists of two bytes, a Frame Buffer or SRAM access of two or
more bytes, as described in section 6.2.
SEL = L enables the MISO output driver of the radio transceiver. The MSB of MISO is
valid after t1 (see section 11.4 parameter 11.4.3) and is updated at each falling edge of
SCLK. If the MISO output driver is disabled, there is no internal pull-up resistor
connected to the output. Driving the appropriate signal level must be ensured by the


Similar Part No. - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
More results

Similar Description - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
   Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com