Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS010 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25FS010_09 Datasheet HTML 1Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 2Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 3Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 4Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 5Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 6Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 7Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 8Page - ATMEL Corporation AT25FS010_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Datasheet describes Mode 0 Operation
50 MHz Clock Rate
Byte Mode and Page Mode Program (1 to 256 Bytes) Operations
Sector/Block/Page Architecture
– 256 byte Pages per Sector
– Eight 4 Kbyte Sectors per Block
– Four uniform 32 Kbyte Blocks
Self-timed Sector, Block and Chip Erase
Product Identification Mode with JEDEC Standard
Low-voltage Operation
–2.7V (VCC = 2.7V to 3.6V)
Hardware and Software Write Protection
– Device protection with Write Protect (WP) Pin
– Write Enable and Write Disable Instructions
– Software Write Protection:
• Upper 1/32, 1/16, 1/8, 1/4, 1/2 or Entire Array
Flexible Op Codes for Maximum Compatibility
Self-timed Program Cycle
– 30 µs/Byte Typical
Single Cycle Reprogramming (Erase and Program) for Status Register
High Reliability
– Endurance: 10,000 Write Cycles Typical
8-lead JEDEC 150mil SOIC and 8-lead Ultra Thin Small Array Package (SAP)
Die Sales: Waffer Form, Tape and Reel, and Bumped Waffers
Description
The AT25FS010 provides 1,048,576 bits of serial reprogrammable Flash memory
organized as 131,072 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation
are essential. The AT25FS010 is available in a space-saving 8-lead JEDEC SOIC and
8-lead Ultra Thin SAP packages.
Table 0-1.
Pin Configuration
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial
Input
High Speed
Small Sectored
SPI Flash
Memory
1M (131,072 x 8)
AT25FS010
5167E–SFLSH–5/09
8-lead JEDEC SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead SAP
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
GND
___
___
_____
Bottom View


Similar Part No. - AT25FS010_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
More results

Similar Description - AT25FS010_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048_07 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
Micron Technology
MT28F016S5 MICRON-MT28F016S5 Datasheet
282Kb / 24P
   2 MEG x 8 SMART 5 EVEN-SECTORED FLASH MEMORY
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com