Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS010Y7-YH27-T Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25FS010Y7-YH27-T
Description  High Speed Small Sectored SPI Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010Y7-YH27-T Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25FS010Y7-YH27-T Datasheet HTML 7Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 8Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 9Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 10Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 11Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 12Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 13Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 14Page - ATMEL Corporation AT25FS010Y7-YH27-T Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
5167E–SFLSH–5/09
AT25FS010
READ (READ): The READ instruction sequence reads the memory array up to the maximum
speed of 50MHz. Reading the AT25FS010 via the SO (Serial Output) pin requires the following
sequence. After the CS line is pulled low to select the device, the READ instruction is clocked in
on the SI line, followed by the byte address to be read. Upon completion, any data on the SI line
will be ignored. The data (D7-D0) at the specified address is then shifted out onto the SO line
(see Figure 5-6). If only one byte is to be read, the CS line should be driven high after the least
significant data bit. To continue read operation and sequentially read subsequent byte
addresses from the device by simply keeping CS low and provide a clock signal. The device
incorporates an internal address counter that automatically increments to the next byte address
during sequential read operation. The READ instruction can be continued since the byte
address is automatically incremented and data will continue to be shifted out of the AT25FS010
until the highest byte address is reached. When the last bit of the memory has been read, the
device will continue reading back at the beginning of the array (000000h) without delay. The
data is always output from the device with the most significant bit (MSB) of a byte first. The
READ sequence is terminated any time CS is driven high and the device will go into standby
mode.
FAST READ (FAST READ): The FAST READ instruction sequence reads the memory array up
to the maximum speed of 50MHz (same as standard READ sequence). The FAST READ is an
alternate command for the READ and allows for FAST READ instruction compatibility support.
The difference between the two is FAST READ requires a “dummy byte” and READ does not.
Reading the AT25FS010 via the SO (Serial Output) pin requires the following sequence. After
the CS line is pulled low to select the device, the FAST READ instruction is clocked in on the SI
line, followed by the byte address to be read and the dummy byte (the SO line output will be high
Z state). Upon completion, any data on the SI line will be ignored. The data (D7-D0) at the spec-
ified address is then shifted out onto the SO line (see Figure 5-7). If only one byte is to be read,
the CS line should be driven high after the least significant data bit. To continue read operation
and sequentially read subsequent byte addresses from the device by simply keeping CS low
and provide a clock signal. The device incorporates an internal address counter that automati-
cally increments to the next byte address during sequential read operation. The FAST READ
instruction can be continued since the byte address is automatically incremented and data will
continue to be shifted out of the AT25FS010 until the highest address is reached. When the last
bit of the memory has been read, the device will continue reading back at the beginning of the
array (000000h) without delay. The data is always output from the device with the most signifi-
cant bit (MSB) of a byte first. The FAST READ sequence is terminated any time CS is driven
high and the device will go into standby mode.
PROGRAM (PROGRAM): The PROGRAM instruction allows up to 256 data bytes to be written
to each page in the memory in one-operation changing data bits from a logic 1 to 0 state. The
AT25FS010 memory array contains 131,072 programmable data bytes internally organized into
256 bytes per page with a total of 512 pages in the memory.
In order to program the AT25FS010, two separate instructions must be executed. First, the
device must be write enabled via the WREN instruction. Then the PROGRAM instruction can be
executed and requires the following sequence. After the CS line is pulled low to select the
device, the PROGRAM instruction is clocked in via the SI line followed by the byte address (see
Figure 5-8) and the data byte(s) to be programmed. Programming will start after CS pin is
brought high. Please note: The low to high transition of the CS pin must occur during the SCK
low time immediately after clocking in the D0 (LSB) data bit to initiate programming cycle. Also, a
WREN instruction must precede each and every PROGRAM instruction. The Ready/Busy status
of the device can be determined by initiating a RDSR instruction. If bit 0=1, the program cycle is


Similar Part No. - AT25FS010Y7-YH27-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
More results

Similar Description - AT25FS010Y7-YH27-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048_07 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
Micron Technology
MT28F016S5 MICRON-MT28F016S5 Datasheet
282Kb / 24P
   2 MEG x 8 SMART 5 EVEN-SECTORED FLASH MEMORY
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com