Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88RF04C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88RF04C
Description  CryptoRF Specification
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF04C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88RF04C Datasheet HTML 1Page - ATMEL Corporation AT88RF04C Datasheet HTML 2Page - ATMEL Corporation AT88RF04C Datasheet HTML 3Page - ATMEL Corporation AT88RF04C Datasheet HTML 4Page - ATMEL Corporation AT88RF04C Datasheet HTML 5Page - ATMEL Corporation AT88RF04C Datasheet HTML 6Page - ATMEL Corporation AT88RF04C Datasheet HTML 7Page - ATMEL Corporation AT88RF04C Datasheet HTML 8Page - ATMEL Corporation AT88RF04C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
2
AT88SC0808/1616/3216/6416CRF, AT88RF04C
5276C–RFID–3/09
Description
The CryptoRF
® family integrates a 13.56 MHz RF interface with CryptoMemory® security features. This product line is ideal for
RF tags and contactless smart cards that can benefit from advanced security and cryptographic features. The device is
optimized as a contactless secure memory for secure data storage without the requirement of an internal microprocessor.
For communications the RF interface utilizes the ISO/IEC 14443–2 and –3 Type B bit timing and signal modulation schemes,
and the ISO/IEC 14443-3 Slot-MARKER Anticollision Protocol. Data is exchanged half duplex at a 106k bit per second rate, with
a two byte CRC_B providing error detection capability. The RF interface powers the other circuits, no battery is required. Full
compliance with the ISO/IEC 14443 –2 and –3 standards provides both a proven RF communication interface, and a robust
anticollision protocol.
The five products in the CryptoRF family contain 4 Kbits to 64 Kbits of User Memory plus 2 Kbits of Configuration Memory. The
2 Kbits of Configuration Memory contains read/write password sets, four crypto key sets, security access registers for each user
zone, and password/key registers for each zone.
The CryptoRF command set is optimized for a multi-card RF communications environment. A programmable AFI register allows
this IC to be used in numerous applications in the same geographic area with seamless discrimination of cards assigned to a
particular application during the anticollision process.
Figure 1.
Block Diagram
EEPROM
Command
and
Response
Data Transfer
Authentication
Encryption
and
Certification
Unit
Frame
Formatting
and
Error
Detection
Interface
Password
Verification
Anticollision
Random Number
Generator
RF Interface
AC1
AC2
Over
Voltage
Clamp
Regulator
VDD
VSS
Clock
Extraction
Data
Extraction
C


Similar Part No. - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
More results

Similar Description - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CRF ATMEL-AT88SC0104CRF_08 Datasheet
1Mb / 108P
   CryptoRF Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC1616CRF ATMEL-AT88SC1616CRF_14 Datasheet
411Kb / 11P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC018 ATMEL-AT88SC018_1 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com