Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF2M64F8VS Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M64F8VS
Description  FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M64F8VS Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMF2M64F8VS Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HANBit
HMF2M64F8VS
URL :www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
6
AC CHARACTERISTICS
u Read Only Operations Characteristics
SPEED
- 90
-100
-120
PARAMETER
DESCRIPTION
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
90
100
120
ns
tACC
Address Access time
90
100
120
ns
tCE
Chip Enable to Access time
90
100
120
ns
tOE
Output Enable time
35
40
50
ns
tDF
Chip Enable to Output High-Z
30
30
30
ns
tOEH
Output Enable Hold Time
0
0
0
ns
tQH
Output Hold Time From Addresses,
/CE or /OE
0
0
0
ns
u Erase/Program Operations
Alternate /WE Controlled Writes
Notes : : 1. Not 100% tested
2 . The duration of the program or erase operation varies and is calculated in the internal algorithms.
- 90
-100
-120
PARAMETER
DESCRIPTION
MIN
MAX
MIN
MAX
MIN
MAX
tWC
Write Cycle Time (1)
90
-
100
-
120
-
ns
tAS
Address Setup Time
0
-
0
-
0
-
ns
tAH
Address Hold Time
45
-
45
-
50
-
ns
tDS
Data Setup Time
45
-
45
-
50
-
ns
tDH
Data Hold Time
0
-
0
-
0
-
ns
tOES
Output Enable Setup Time
0
-
0
-
0
-
ns
tGHWL
Read Recover Time Before Write
0
-
0
-
0
-
ns
tCS
/CE Setup Time
0
-
0
-
0
-
ns
tCH
/CE Hold Time
0
-
0
-
0
-
ns
tWP
Write Pulse Width
45
-
45
-
50
-
ns
tWPH
Write Pulse Width High
30
-
30
-
30
-
ns
tPGM
Programming Operation
11
11
11
ns
tBERS
Block Erase Operation (2)
0.7
-
0.7
-
0.7
-
ns
tVCS
Vcc set up time
50
-
50
-
50
-
ns
tRB
Write Recover Time Before RY_/BY
0
-
0
-
0
-
ns
tRH
/RESRT High Before Read
50
-
50
-
50
-
ns
tRPD
/RESRT to Power Down Time
20
-
20
-
20
-
ns
tRP
/RESRT Pulse Width
500
-
500
-
500
-
ns
tRSTS
/RESRT Setup Time
500
-
500
-
500
-
ns


Similar Part No. - HMF2M64F8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-120 HANBIT-HMF2M64F8V-120 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-70 HANBIT-HMF2M64F8V-70 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-90 HANBIT-HMF2M64F8V-90 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF2M64F8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF8M16F8VS HANBIT-HMF8M16F8VS Datasheet
417Kb / 12P
   FLASH-ROM MODULE 16MByte (8M x 16-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com