Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1616CRF Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC1616CRF
Description  CryptoRF Specification
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616CRF Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC1616CRF Datasheet HTML 1Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 2Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 3Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 4Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 5Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 6Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 7Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 8Page - ATMEL Corporation AT88SC1616CRF Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
AT88SC0808/1616/3216/6416CRF, AT88RF04C
5
5276C–RFID–3/09
1.
Introduction
The CryptoRF family consists of devices in the AT88SCxxxxCRF and AT88RFxxC catalog number series. The first
generation devices are assigned catalog numbers in the AT88SCxxxxCRF series. The second generation devices are
assigned catalog numbers in the AT88RFxxC series. Several security options have been added to the second
generation devices to enhance system security.
1.1.
Communications
All personalization and communication with this device is performed through the RF interface. The IC includes an
integrated tuning capacitor, enabling it to operate with only the addition of a single external coil antenna.
The RF communications interface is fully compliant with the electrical signaling and RF power specifications in ISO/IEC
14443-2 for Type B only. Anticollision operation and frame formatting are compliant with ISO/IEC 14443-3 for Type B
only.
1.2.
Scope
This CryptoRF Specification document includes all specifications for the Normal, Authentication, and Encryption modes
of CryptoRF operation.
1.3.
Conventions
ISO/IEC 14443 nomenclature is used in this specification where applicable. The following abbreviations are utilized
throughout this document. Additional terms are defined in Appendix A.
• PCD:
Proximity Coupling Device – is the reader/writer and antenna.
• PICC:
Proximity Integrated Circuit Card – is the tag/card containing the IC and antenna.
• RFU:
Reserved for Future Use – is any feature, memory location, or bit that is held as reserved for future use by
the ISO standards committee or by Atmel.
• $xx:
Hexadecimal Number – denotes a hex number “xx” (Most Significant Bit on left).
• xxxxb: Binary Number – denotes a binary number “xxxx” (Most Significant Bit on left).
• 88SC:
CryptoRF devices in the AT88SCxxxxCRF catalog number series.
• 88RF:
CryptoRF devices in the AT88RFxxC catalog number series.
This document contains the specifications for AT88SCxxxxCRF and AT88RFxxC CryptoRF devices. Any specification
that applies only to first generation AT88SCxxxxCRF devices references: "88SC" devices, "88SC" PICCs, or contain
"[88SC]" in the section title. Any specification that applies only to second generation AT88RFxxC devices references:
"88RF" devices, "88RF" PICCs, or contain "[88RF]" in the section title. Specifications that apply to all devices are
referred to as CryptoRF specifications.
Each command / response exchange between the PCD and PICC is formatted as shown in Figure 2. The bytes are
shown in the order in which they are transmitted, with PCD transmissions in the left column, and PICC transmissions in
the right column.


Similar Part No. - AT88SC1616CRF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
1Mb / 108P
   CryptoRF Specification
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
170Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 16 Kbits
AT88SC1616CRF-MR1 ATMEL-AT88SC1616CRF-MR1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC1616CRF-MR1 ATMEL-AT88SC1616CRF-MR1 Datasheet
170Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 16 Kbits
More results

Similar Description - AT88SC1616CRF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CRF ATMEL-AT88SC0104CRF_08 Datasheet
1Mb / 108P
   CryptoRF Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC1616CRF ATMEL-AT88SC1616CRF_14 Datasheet
411Kb / 11P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC018 ATMEL-AT88SC018_1 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com