Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X512-CU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91SAM7X512-CU
Description  AT91 ARM Thumb-based Microcontrollers
Download  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512-CU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM7X512-CU Datasheet HTML 2Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM7X512-CU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 687 page
background image
6
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
USB Device Port
DDM
USB Device Port Data -
Analog
DDP
USB Device Port Data +
Analog
USART
SCK0 - SCK1
Serial Clock
I/O
TXD0 - TXD1
Transmit Data
I/O
RXD0 - RXD1
Receive Data
Input
RTS0 - RTS1
Request To Send
Output
CTS0 - CTS1
Clear To Send
Input
DCD1
Data Carrier Detect
Input
DTR1
Data Terminal Ready
Output
DSR1
Data Set Ready
Input
RI1
Ring Indicator
Input
Synchronous Serial Controller
TD
Transmit Data
Output
RD
Receive Data
Input
TK
Transmit Clock
I/O
RK
Receive Clock
I/O
TF
Transmit Frame Sync
I/O
RF
Receive Frame Sync
I/O
Timer/Counter
TCLK0 - TCLK2
External Clock Inputs
Input
TIOA0 - TIOA2
I/O Line A
I/O
TIOB0 - TIOB2
I/O Line B
I/O
PWM Controller
PWM0 - PWM3
PWM Channels
Output
Serial Peripheral Interface - SPIx
SPIx_MISO
Master In Slave Out
I/O
SPIx_MOSI
Master Out Slave In
I/O
SPIx_SPCK
SPI Serial Clock
I/O
SPIx_NPCS0
SPI Peripheral Chip Select 0
I/O
Low
SPIx_NPCS1-NPCS3
SPI Peripheral Chip Select 1 to 3
Output
Low
Two-wire Interface
TWD
Two-wire Serial Data
I/O
TWCK
Two-wire Serial Clock
I/O
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM7X512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X512-CU ATMEL-AT91SAM7X512-CU Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X512-CU ATMEL-AT91SAM7X512-CU Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X512-CU ATMEL-AT91SAM7X512-CU Datasheet
413Kb / 44P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X512-CU ATMEL-AT91SAM7X512-CU Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
More results

Similar Description - AT91SAM7X512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com