Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166FT-YM25-E Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT68166FT-YM25-E
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166FT-YM25-E Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT68166FT-YM25-E Datasheet HTML 4Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 5Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 6Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 7Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 8Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 9Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 10Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 11Page - ATMEL Corporation AT68166FT-YM25-E Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
7531H–AERO–04/09
AT68166FT
Consumption
Notes: 1. All CSx
>V
IH
2. All CSx
> V
CC - 0.3V
3. F = 1/TAVAV, Iout = 0 mA, WEx = OE = VIH, VIN = GND/VCC, VCC max.
4. F = 1/TAVAW, Iout = 0 mA, WEx = VIL, OE = VIH , VIN = GND/VCC, VCC max.
Data Retention
Mode
Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage and sup-
ply current are guaranteed over temperature. The following rules insure data retention:
1. During data retention chip select CSx must be held high within VCC to VCC -0.2V.
2. Output Enable (OE) should be held high to keep the RAM outputs high impedance, mini-
mizing power dissipation.
3. During power-up and power-down transitions CSx and OE must be kept between VCC +
0.3V and 70% of VCC.
4. The RAM can begin operation > tR ns after VCC reaches the minimum operation voltages
(3V).
Figure 5. Data Retention Timing
Symbol
Description
TAVAV/TAVAW
Test Condition
AT68166FT-25
AT68166FT-20
AT68166FT-18
(preliminary)
Unit
Value
ICCSB(1)
Standby
Supply
Current
10
7
7.5
mA
max
ICCSB1(2)
Standby
Supply
Current
–8
6
7
mA
max
ICCOP(3)
Read per
byte
Dynamic
Operating
Current
18 ns
20 ns
25 ns
50 ns
1 µs
150
85
15
165
145
80
12
170
165
145
80
12
mA
max
ICCOP(4)
Write per
byte
Dynamic
Operating
Current
18 ns
20 ns
25 ns
50 ns
1 µs
150
125
110
140
135
115
105
145
140
135
115
105
mA
max
vcc
CSx


Similar Part No. - AT68166FT-YM25-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
More results

Similar Description - AT68166FT-YM25-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com