Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGA16M1-15AZ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MEGA16M1-15AZ
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA16M1-15AZ Datasheet(HTML) 2 Page - ATMEL Corporation

  MEGA16M1-15AZ Datasheet HTML 1Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 2Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 3Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 4Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 5Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 6Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 7Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 8Page - ATMEL Corporation MEGA16M1-15AZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 365 page
background image
2
7647F–AVR–04/09
ATmega16/32/64/M1/C1
– Internal Calibrated RC Oscillator (8 MHz)
– On-chip PLL for fast PWM (32 MHz, 64 MHz) and CPU (16 MHz)
Operating Voltage:
– 2.7V - 5.5V
Extended Operating Temperature:
– -40°C to +125°C
Core Speed Grade:
– 0 - 8 MHz @ 2.7 - 4.5V
– 0 - 16 MHz @ 4.5 - 5.5V
ATmega32/64/M1/C1 Product Line-up
Part Number
ATmega32C1
ATmega64C1
ATmega16M1
ATmega32M1
ATmega64M1
Flash Size
32 Kbyte
64 Kbyte
16 Kbyte
32 Kbyte
64 Kbyte
RAM Size
2048 bytes
4096 bytes
1024 bytes
2048 bytes
4096 bytes
EEPROM Size
1024 bytes
2048 bytes
512 bytes
1024 bytes
2048 bytes
8-bit Timer
Yes
16-bit Timer
Yes
PSC
No
Yes
PWM Outputs
4
4
101010
Fault Inputs (PSC)
00333
PLL
32/64 MHz
10-bit ADC Channels
11 single
3 Differential
10-bit DAC
Yes
Analog Comparators
4
Current Source
Yes
CAN
Yes
LIN/UART
Yes
On-Chip Temp. Sensor
Yes
SPI Interface
Yes


Similar Part No. - MEGA16M1-15AZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA162 ATMEL-MEGA162 Datasheet
4Mb / 28P
   Single cycle instructions
MEGA164PA ATMEL-MEGA164PA Datasheet
4Mb / 28P
   Single cycle instructions
MEGA168PB ATMEL-MEGA168PB Datasheet
4Mb / 28P
   Single cycle instructions
MEGA169PA ATMEL-MEGA169PA Datasheet
4Mb / 28P
   Single cycle instructions
MEGA16A ATMEL-MEGA16A Datasheet
4Mb / 28P
   Single cycle instructions
More results

Similar Description - MEGA16M1-15AZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com