Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166F Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT68166F
Description  Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT68166F Datasheet HTML 5Page - ATMEL Corporation AT68166F Datasheet HTML 6Page - ATMEL Corporation AT68166F Datasheet HTML 7Page - ATMEL Corporation AT68166F Datasheet HTML 8Page - ATMEL Corporation AT68166F Datasheet HTML 9Page - ATMEL Corporation AT68166F Datasheet HTML 10Page - ATMEL Corporation AT68166F Datasheet HTML 11Page - ATMEL Corporation AT68166F Datasheet HTML 12Page - ATMEL Corporation AT68166F Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
7747B–AERO–04/09
AT68166F
AC Characteristics
Temperature Range:................................................ -55 +125
°C
Supply Voltage: ....................................................... 3.3 +0.3V
Input Pulse Levels: .................................................. GND to 3.0V
Input Rise and Fall Times:....................................... 3ns (10 - 90%)
Input and Output Timing Reference Levels: ............ 1.5V
Output Loading IOL/IOH:............................................ See Figure 3
Figure 6. AC Test Loads Waveforms
Write Cycle
Table 4. Write cycle timings(1)
Notes: 1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode.
2. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Waveforms” on page 9.)
Specific (TWLQZ, TWHQX, TELQX, TEHQZ
TGLQX, TGHQZ)
General
Symbol
Parameter
AT68166F-20
AT68166F-18
Unit
min
max
min
max
TAVAW
Write cycle time
20
-
18
-
ns
TAVWL
Address set-up time
2
-
2
-
ns
TAVWH
Address valid to end of write
14
-
11
-
ns
TDVWH
Data set-up time
9
-
8
-
ns
TELWH
CS low to write end
12
-
12
-
ns
TWLQZ
Write low to high Z(2)
-10-
8
ns
TWLWH
Write pulse width
12
-
9
-
ns
TWHAX
Address hold from end of write
0
-
0
-
ns
TWHDX
Data hold time
2
-
1
-
ns
TWHQX
Write high to low Z(2)
5-3-
ns


Similar Part No. - AT68166F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F-YM20-E ATMEL-AT68166F-YM20-E Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F-YM20-SCC ATMEL-AT68166F-YM20-SCC Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F-YS18-E ATMEL-AT68166F-YS18-E Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F-YS18-MQ ATMEL-AT68166F-YS18-MQ Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
More results

Similar Description - AT68166F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Aeroflex Circuit Techno...
UT8CR512K32 AEROFLEX-UT8CR512K32 Datasheet
318Kb / 16P
   UT8CR512K32 16 Megabit SRAM
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com