Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGA64C1-ESAZ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MEGA64C1-ESAZ
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA64C1-ESAZ Datasheet(HTML) 4 Page - ATMEL Corporation

  MEGA64C1-ESAZ Datasheet HTML 1Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 2Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 3Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 4Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 5Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 6Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 7Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 8Page - ATMEL Corporation MEGA64C1-ESAZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 365 page
background image
4
7647F–AVR–04/09
ATmega16/32/64/M1/C1
Figure 1-2.
ATmega32/64C1 TQFP32/QFN32 (7*7 mm) Package
Note:
On the first engineering samples (Parts marked AT90PWM324), the ACMPN3 alternate function is
not located on PC4. It is located on PE2.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(PCINT18/OC1A/MISO_A) PD2
(PCINT19/TXD/TXLIN/OC0A/SS/MOSI_A) PD3
(PCINT9/OC1B/SS_A) PC1
VCC
GND
(PCINT10/T0/TXCAN) PC2
(PCINT11/T1/RXCAN/ICP1B) PC3
(PCINT0/MISO) PB0
PB4 (AMP0+/PCINT4)
PB3 (AMP0-/PCINT3)
PC6 (ADC10/ACMP1/PCINT14)
AREF(ISRC)
AGND
AVCC
PC5 (ADC9/ACMP3/AMP1+/PCINT13)
PC4 (ADC8/ACMPN3/AMP1-/PCINT12)
ATmega32/64C1 TQFP32/QFN32


Similar Part No. - MEGA64C1-ESAZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA640 ATMEL-MEGA640 Datasheet
4Mb / 28P
   Single cycle instructions
MEGA644PA ATMEL-MEGA644PA Datasheet
4Mb / 28P
   Single cycle instructions
MEGA6490P ATMEL-MEGA6490P Datasheet
4Mb / 28P
   Single cycle instructions
MEGA649P ATMEL-MEGA649P Datasheet
4Mb / 28P
   Single cycle instructions
MEGA64A ATMEL-MEGA64A Datasheet
4Mb / 28P
   Single cycle instructions
More results

Similar Description - MEGA64C1-ESAZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com