Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT60142FT-DS15M-E Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT60142FT-DS15M-E
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142FT-DS15M-E Datasheet(HTML) 5 Page - ATMEL Corporation

  AT60142FT-DS15M-E Datasheet HTML 1Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 2Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 3Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 4Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 5Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 6Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 7Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 8Page - ATMEL Corporation AT60142FT-DS15M-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
AT60142FT
7726B–AERO–04/09
DC Parameters
Consumption
Parameter
Description
Minimum
Typical
Maximum
Unit
IIX (1)
1.
GND < VIN < VCC, GND < VOUT < VCC Output Disabled.
2.
VIN = 5.5V, VOUT = 5.5V, Output Disabled.
3.
VCC min. IOL = 6 mA
4.
VCC min. IOH = -4 mA.
Input leakage current
-1
1
μA
IOZ(1)
Output leakage
current
-1
1
μA
IIH(2) at 5.5V
Input Leakage
Current
––
2
μA
IOZH(2) at 5.5V
Output Leakage
Current
––
1.5
μA
VOL(3)
Output low voltage
0.4
V
VOH(4)
Output high voltage
2.4
V
Symbol
Description
TAVAV/TAVAW
Test Condition
AT60142FT-17
AT60142FT-15
Unit
Value
ICCSB (1)
1.
CS
>V
IH
Standby Supply
Current
2
2.5
mA
max
ICCSB1
(2)
2.
CS
> V
CC - 0.3V
3.
F = 1/TAVAV, Iout = 0 mA, WE = OE = VIH, VIN = GND/VCC, VCC max.
4.
F = 1/TAVAW, Iout = 0 mA, WE = VIL, OE = VIH , VIN = GND/VCC, VCC max.
Standby Supply
Current
–1.8
2
mA
max
ICCOP(3) Read
Dynamic
Operating
Current
15 ns
17 ns
25 ns
50 ns
1 µs
-
170
150
75
10
180
170
150
75
10
mA
max
ICCOP(4) Write
Dynamic
Operating
Current
15 ns
17 ns
25 ns
50 ns
1 µs
-
145
130
120
100
150
145
130
120
100
mA
max


Similar Part No. - AT60142FT-DS15M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142FT-DS15M-E ATMEL-AT60142FT-DS15M-E Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results

Similar Description - AT60142FT-DS15M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com