Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF4M32B8VG Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32B8VG
Description  FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32B8VG Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMF4M32B8VG Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF4M32B8VG Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HANBit
HMF4M32B8VG
URL: www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
6
AC CHARACTERISTICS
u Erase / Program Operations
PARAMETER SYMBOLS
CL=100Pf
-80
-90
-120
JEDEC
STANDARD
DESCRIPTION
Min
Max
Min
Max
Min
Max
UNIT
tAVAV
tWC
Write Cycle Time
80
90
120
ns
tAVWL
tAS
Address Setup Time
0
0
0
ns
tWLAX
tAH
Address Hold Time
45
45
50
ns
tDVWH
tDS
Data Setup Time
35
45
50
ns
tWHDX
tDH
Data Hold Time
0
0
0
ns
tOES
Output Enable Setup Time
0
0
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
0
0
0
ns
tELWL
tCS
/CE Setup Time
0
0
0
ns
tWHEH
tCH
/CE Hold Time
0
0
0
ns
tWLWH
tWP
Write Pulse Width
35
35
50
ns
tWHWL
tWPH
Write Pulse Width High
30
30
30
ns
tWHWH1
tWHWH1
Byte Programming Operation
9
9
9
µs
tWHWH2
tBERS
Block Erase Operation
0.7
0.7
0.7
sec
tVCS
Vcc Setup Time
50
50
50
µs
tRB
Recovery time from RY/BY
0
0
0
ns
tBUSY
Program/Erase Valid to RY/BY D elay
90
90
90
ns
Note:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more Information
u Alternate /CE Controlled Erase/ Program Operations
CL=100pF
PARAMETER SYMBOLS
-80
-90
-120
JEDEC
STANDARD
DESCRIPTION
Min
Max
Min
Max
Min
Max
UNIT
tAVAV
tWC
Write Cycle Time
80
90
120
ns
tAVEL
tAS
Address Setup Time
0
0
0
ns
tELAX
tAH
Address Hold Time
45
45
50
ns
tDVEH
tDS
Data Setup Time
35
45
50
ns
tEHDX
tDH
Data Hold Time
0
0
0
ns
tOES
Output Enable Setup Time
0
0
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
0
0
0
ns
tWLEL
tWS
/OE High to /WE Low
0
0
0
ns
tEHWH
tWH
/WE Hold Time
0
0
0
ns


Similar Part No. - HMF4M32B8VG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-120 HANBIT-HMF4M32B8V-120 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-70 HANBIT-HMF4M32B8V-70 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-80 HANBIT-HMF4M32B8V-80 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-90 HANBIT-HMF4M32B8V-90 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
More results

Similar Description - HMF4M32B8VG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VN HANBIT-HMF4M32B8VN Datasheet
430Kb / 13P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF4M32M8V HANBIT-HMF4M32M8V Datasheet
429Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com