Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT7913EKB-SV Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT7913EKB-SV
Description  SpaceWire-Remote Terminal Controller (RTC)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT7913EKB-SV Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT7913EKB-SV Datasheet HTML 6Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 7Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 8Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 9Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 10Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 11Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 12Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 13Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AT7913E Advanced Information
7833B–AERO–05/09
4.2
Debug Support Unit
The AT7913E SpaceWire RTC includes a hardware debug support to aid software
debugging on target hardware. The support is provided through two modules:
• a debug support unit (DSU)
• a debug communication link
4.2.1
Debug Support Unit
The DSU can put the processor in debug mode, allowing read/write access to all pro-
cessor registers and cache memories. The DSU also contains a trace buffer which
stores executed instructions and/or data transfers on the AMBA AHB bus.
The debug support unit is used to control the trace buffer and the processor debug
mode. The DSU is attached to the AHB bus as slave, occupying a 2 Mbyte address
space. Through this address space, any AHB master can access the processor regis-
ters and the contents of the trace buffer.
The DSU control registers can be accessed at any time, while the processor registers
and caches can only be accessed when the processor has entered debug mode. The
trace buffer can be accessed only when tracing is disabled/completed. In debug mode,
the processor pipeline is held and the processor state can be accessed by the DSU.
4.2.2
Debug communication link
The SpaceWire-RTC device includes a debug support unit communication link that con-
sists of a UART connected to the AHB bus as a master. The debug communications link
implements a simple read/write protocol and uses standard asynchronous UART com-
munications. The simple communication protocol is supported to transmit access
parameters and data.
A link command consists of a control byte, followed by a 32-bit address, followed by
optional write data.
4.3
LEON2-FT Peripherals
The AT7913E SpaceWire-RTC includes all the standard LEON2-FT peripherals.
4.3.1
Interrupt Controller
The Interrupt Controller is used to priorities and propagate interrupt requests from inter-
nal or external devices to the integer unit. 15 interrupts are handled, divided on two
priority levels.
A Secondary Interrupt Controller is included to support the 32 additional interrupts used
by the additional on-chip peripherals of the AT7913E device.
4.3.2
32-bit Timer
The timer unit implements two 32-bit timers, one 32-bit watchdog and one 10-bit shared
prescaler. The functionality of the timers has not been modified with respect to existing
implementations, to allow for software compatibility.
The watchdog functionality is used for overall software timeout handling and is the basis
for error management.


Similar Part No. - AT7913EKB-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
More results

Similar Description - AT7913EKB-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
ATMEL Corporation
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
   Single SpaceWire link High Speed Controller
AT7911E ATMEL-AT7911E Datasheet
311Kb / 22P
   Triple SpaceWire links High Speed Controller
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
RTS1760 ETC2-RTS1760 Datasheet
449Kb / 2P
   Remote Terminal
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
   RFID remote controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com